Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GH0658102ZA6N Datasheet(PDF) 3 Page - AVX Corporation

Part # GH0658102ZA6N
Description  Single Layer Ceramics With & Without Borders
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

GH0658102ZA6N Datasheet(HTML) 3 Page - AVX Corporation

  GH0658102ZA6N Datasheet HTML 1Page - AVX Corporation GH0658102ZA6N Datasheet HTML 2Page - AVX Corporation GH0658102ZA6N Datasheet HTML 3Page - AVX Corporation GH0658102ZA6N Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6
Microwave SLCs
Performance Curves
S21 FORWARD TRANSMISSION
2
3
1
Capacitance = 220 pF
Q = 50 @ 1 MHz
Size: L = .017"
W = .017"
T = .007"
LOG MAG
< REF = -20 dB
10 dB/DIV
Marker 1
-12.6 dB @ 51 MHz
Marker 2
-17.6 dB @ 2.06 GHz
Marker 3
-22.0 dB @ 12.86 GHz
Marker 4
-21.6 dB @ 25.08 GHz
0.05
FREQUENCY - GHz
26.5
4
2
3
1
Capacitance = 470 pF
Q = 50 @ 1 MHz
Size: L = .024"
W = .024"
T = .007"
LOG MAG
< REF = -24 dB
5 dB/DIV
Marker 1
-17.4 dB @ 51 MHz
Marker 2
-22.4 dB @ 2.06 GHz
Marker 3
-27.9 dB @ 8.98 GHz
Marker 4
-21.4 dB @ 25.07 GHz
0.05
FREQUENCY - GHz
26.5
4
2
3
1
Capacitance = 1000 pF
Q = 50 @ 1 MHz
Size: L = .035"
W = .035"
T = .007"
LOG MAG
< REF = -30 dB
5 dB/DIV
Marker 1
-24.8 dB @ 51 MHz
Marker 2
-30.5 dB @ 1.71 GHz
Marker 3
-33.1 dB @ 3.25 GHz
Marker 4
-19.1 dB @ 18.25 GHz
0.05
FREQUENCY - GHz
26.5
4


Similar Part No. - GH0658102ZA6N

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GH06510B2A SHARP-GH06510B2A Datasheet
45Kb / 3P
   RED LASER DIODE FOR DVD ROM DRIVE
GH06560B2C SHARP-GH06560B2C Datasheet
89Kb / 5P
   Laser Diodes
logo
AVX Corporation
GH065Z102KA6N AVX-GH065Z102KA6N Datasheet
113Kb / 1P
   Z Dielectric With and Without Borders
GH065Z102MA6N AVX-GH065Z102MA6N Datasheet
113Kb / 1P
   Z Dielectric With and Without Borders
GH065Z102ZA6N AVX-GH065Z102ZA6N Datasheet
113Kb / 1P
   Z Dielectric With and Without Borders
More results

Similar Description - GH0658102ZA6N

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
GB01 AVX-GB01 Datasheet
281Kb / 4P
   Microwave SLCs Maxi & Maxi Series: Single Layer Ceramics With & Without Borders
GH01 AVX-GH01 Datasheet
74Kb / 1P
   Microwave Single Layer X7S Capacitors Z Dielectric With and Without Borders
GB01 AVX-GB01_17 Datasheet
113Kb / 1P
   Z Dielectric With and Without Borders
VC32M02750 AVX-VC32M02750 Datasheet
183Kb / 2P
   Single Layer Varistors
VC32M01750K AVX-VC32M01750K Datasheet
183Kb / 2P
   Single Layer Varistors
logo
Kemet Corporation
NBL20602S KEMET-NBL20602S Datasheet
57Kb / 1P
   KEMET, NBL, Transducers, Single-layer
NBL15602S KEMET-NBL15602S Datasheet
58Kb / 1P
   KEMET, NBL, Transducers, Single-layer
NBL45402H-A KEMET-NBL45402H-A Datasheet
78Kb / 1P
   KEMET, NBL, Transducers, Single-layer
NBL45282H-A3 KEMET-NBL45282H-A3 Datasheet
73Kb / 1P
   KEMET, NBL, Transducers, Single-layer
logo
List of Unclassifed Man...
ATC111 ETC1-ATC111 Datasheet
218Kb / 12P
   ATC Millimeter Wavelength Single Layer Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com