Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC378 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # AC378
Description  TO-8 CASCADABLE AMPLIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC378 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  AC378 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC378 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
Rev. 5/10
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
TO-8 Package for Amplifiers
SMTO-8 Package for Amplifiers
AS378/AS379
AC378/AC379
5 TO 300 MHz
TO-8 CASCADABLE AMPLIFIERS
AC378
AC379
Typical Values
AC378
AC379
High Dynamic Range . . . . . . . . . . . . . . . . . . . . .
+112 dBm
+114 dBm
High Output Power . . . . . . . . . . . . . . . . . . . . . . .
+19.5 dBm
+22.5 dBm
High Third Order I.P. . . . . . . . . . . . . . . . . . . . . . .
+34.0 dBm
+39.0 dBm
Low Noise Figure . . . . . . . . . . . . . . . . . . . . . . . .
5.0 dB
5.5 dB
High Performance Thin Film
Standard Size TO-8 Package
Small Signal Gain (Min.)
14.0 dB
13.2 dB
13.0 dB
Gain Flatness (Max.)
±0.2 dB
±0.5 dB
±0.7 dB
Noise Figure (Max.)
5.0 dB
6.0 dB
6.5 dB
SWR (Max.)
Input/Ouput
< 1.3:1
1.7:1
1.8:1
Power Output (Min.)
@ 1dB comp.
AC378
+19.5 dBm
+18.0 dBm
+17.5 dBm
AC379
+22.5 dBm
+21.5 dBm
+20.5 dBm
Reverse Isolation
18.0 dB
——
DC Current (Max.)
AC378
65.0 mA
68.0 mA
71.0 mA
AC379
88.0 mA
92.0 mA
96.0 mA
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to 85 °C
Frequency (Min.)
2-350 MHz
5-300 MHz
5-300 MHz
Typical @ 25 °C
AC378
AC379
Second Order Harmonic Intercept Point . . . . .
+55 dBm
+57 dBm
Second Order Two Tone Intercept Point . . . . . .
+49 dBm
+51 dBm
Third Order Two Tone Intercept Point . . . . . . . .
+34 dBm
+39 dBm
Ambient Operating Temperature . . . . . . . . . . . . . . . . . . . . .
-55 to +100 °C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to +125 °C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+18 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+13 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . . .
100 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature (AC378)
. . . . . . . . . . . . . . . . . . . . . . .
+105 °C
Burn-in Temperature (AC379) . . . . . . . . . . . . . . . . . . . . . . . .
+85 °C
Thermal Resistance1 (θjc; AC378)
. . . . . . . . . . . . . . . . . . . .
+36 °C/Watt
Thermal Resistance1 (θjc; AC379)
. . . . . . . . . . . . . . . . . . . .
+36 °C/Watt
Junction Temperature Rise Above Case (Tjc; AC378) . . . .
+36.3 °C
Junction Temperature Rise Above Case (Tjc; AC379) . . . .
+50.0 °C
1 Thermal resistance is based on total power dissipation.
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.


Similar Part No. - AC378

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AC373 TI-AC373 Datasheet
590Kb / 19P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
logo
Teledyne Technologies I...
AC379 TELEDYNE-AC379 Datasheet
191Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
More results

Similar Description - AC378

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC379 TELEDYNE-AC379 Datasheet
191Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC514 TELEDYNE-AC514 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC519 TELEDYNE-AC519 Datasheet
179Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC525 TELEDYNE-AC525 Datasheet
178Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC2023 TELEDYNE-AC2023 Datasheet
162Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC558 TELEDYNE-AC558 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC564 TELEDYNE-AC564 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC542 TELEDYNE-AC542 Datasheet
188Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC543 TELEDYNE-AC543 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC544 TELEDYNE-AC544 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC541 TELEDYNE-AC541 Datasheet
188Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com