Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB0158102KA6N Datasheet(PDF) 1 Page - AVX Corporation

Part # GB0158102KA6N
Description  Single Layer Ceramics With & Without Borders
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

GB0158102KA6N Datasheet(HTML) 1 Page - AVX Corporation

  GB0158102KA6N Datasheet HTML 1Page - AVX Corporation GB0158102KA6N Datasheet HTML 2Page - AVX Corporation GB0158102KA6N Datasheet HTML 3Page - AVX Corporation GB0158102KA6N Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4
Microwave SLCs
Maxi & Maxi+ Series:
Single Layer Ceramics With & Without Borders
GENERAL INFORMATION
Maxi and Maxi+ are both AVX proprietary intergranular
barrier layer dielectric formulations. Both use SrTiO3 as
their major constituent and have dielectric constants
exceeding 20,000 and 30,000 respectively. Grain bound-
ary barrier layer (GBBL) capacitors have been well dis-
cussed in various literature sources and, while simple in
principle, their resulting electrical properties are depen-
dent on a complex combination of materials and process
technology.
AVX’s Maxi & Maxi+ dielectrics have the distinctive
properties that are ideal for extremely broadband
by-pass capacitors. This built-in feature gives these prod-
ucts a unique disspersive effect that is illustrated in the
accompanying curves. AVX’s ability to control the
prerequisite relationships between materials and
process has resulted in dielectrics that make these
Single Layer Ceramics especially well suited for applica-
tions requiring high frequency performance well into the
millimeter band.
These GBBL dielectrics are also available in low loss
versions that are comparable to conventional barium
titanate based dielectrics. Performance is likewise similar
in that these materials exhibit a very pronounced dip at
their resonant frequency. These designs are excellent
choices for applications requiring the combined attribut-
es of very small size and precise cut-off frequencies.
Additional information on these high Q products may be
obtained by contacting the factory or your local AVX
representative.
All Maxi & Maxi+ dielectrics exhibit X7R temperature
performance of ±15% from –55°C to +125°C. Electrical
characteristics, as outlined in MIL-C-49464, will meet
those specified for Class II dielectrics, rather than the
less stringent Class IV, which typically describes GBBL
dielectrics.
Sample kits are available
MAXI KIT Catalog # KITSLCK20KSAMPL includes 10 each:
GH0158101MA6N, GH0258221MA6N, GH0258471MA6N,
GH0358102MA6N, GH0458182MA6N
MAXI+ KIT Catalog # KITSLCK30KSAMPL includes 10 each:
GH0159331MA6N, GH0259751MA6N, GH0359152MA6N,
GH0459302MA6N, GH0559602MA6N
Ca
C
e
c
n
a
t
i
c
a
ph
w
e
g
n
ai
r
e
p
m
e
T
h
tu
t
are
8
-
6
-
4
-
2
-
0
2
4
6
8
-70- 0
6
-50
- 0
4-30- 0
2
-10
0
0
10
20
30
40
5
0
6
0
70
80
90
0
10
1
10
2
10
3
10
4
1
Temp r
eu
t
ar
C
°
(
e)
5
Q0
5
+
E
16
+
E
17
+
E
18
+
E
19
+
E
10
1
+
E
1
Frequency (Hz.)
0
+
E
1
1
+
E
1
2
+
E
1
3
+
E
1
4
+
E
1
F
p
0
0
1
F
p
0
2
2
F
p
0
7
4
F
p
0
0
0
1
Typical
Typical
Impedance vs. Frequency


Similar Part No. - GB0158102KA6N

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
GB015 YUANDEAN-GB015 Datasheet
373Kb / 2P
   AC-DC Converter
GB015-S03 YUANDEAN-GB015-S03 Datasheet
373Kb / 2P
   AC-DC Converter
GB015-S05 YUANDEAN-GB015-S05 Datasheet
373Kb / 2P
   AC-DC Converter
GB015-S12 YUANDEAN-GB015-S12 Datasheet
373Kb / 2P
   AC-DC Converter
GB015-S15 YUANDEAN-GB015-S15 Datasheet
373Kb / 2P
   AC-DC Converter
More results

Similar Description - GB0158102KA6N

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
GB01 AVX-GB01 Datasheet
281Kb / 4P
   Microwave SLCs Maxi & Maxi Series: Single Layer Ceramics With & Without Borders
GH01 AVX-GH01 Datasheet
74Kb / 1P
   Microwave Single Layer X7S Capacitors Z Dielectric With and Without Borders
GB01 AVX-GB01_17 Datasheet
113Kb / 1P
   Z Dielectric With and Without Borders
VC32M02750 AVX-VC32M02750 Datasheet
183Kb / 2P
   Single Layer Varistors
VC32M01750K AVX-VC32M01750K Datasheet
183Kb / 2P
   Single Layer Varistors
logo
Kemet Corporation
NBL20602S KEMET-NBL20602S Datasheet
57Kb / 1P
   KEMET, NBL, Transducers, Single-layer
NBL15602S KEMET-NBL15602S Datasheet
58Kb / 1P
   KEMET, NBL, Transducers, Single-layer
NBL45402H-A KEMET-NBL45402H-A Datasheet
78Kb / 1P
   KEMET, NBL, Transducers, Single-layer
NBL45282H-A3 KEMET-NBL45282H-A3 Datasheet
73Kb / 1P
   KEMET, NBL, Transducers, Single-layer
logo
List of Unclassifed Man...
ATC111 ETC1-ATC111 Datasheet
218Kb / 12P
   ATC Millimeter Wavelength Single Layer Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com