Electronic Components Datasheet Search |
|
08051F104JAZ2A Datasheet(PDF) 1 Page - AVX Corporation |
|
08051F104JAZ2A Datasheet(HTML) 1 Page - AVX Corporation |
1 / 3 page 16 020117 0805 Size 0603 0805 1206 5 Voltage 16V = Y 25V = 3 50V = 5 100V = 1 F Dielectric X8R = F X8L = L 104 Capacitance Code (In pF) 2 Sig. Digits + Number of Zeros e.g. 10μF = 106 K Capacitance Tolerance J = ± 5% K = ±10% M = ± 20% 4 Failure Rate 4 = Automotive A = Not Applicable T Terminations T = Plated Ni and Sn Z = FLEXITERM® 2 Packaging 2 = 7" Reel 4 = 13" Reel A Special Code A = Std. Product X8R/X8L Dielectric General Specifications AVX has developed a range of multilayer ceramic capacitors designed for use in applications up to 150ºC. These capacitors are manufactured with an X8R and an X8L dielectric material. X8R material has capacitance variation of ±15% between -55ºC and +150ºC. The X8L material has capacitance variation of ±15% between -55ºC to 125ºC and +15/-40% from +125ºC to +150ºC. The need for X8R and X8L performance has been driven by customer requirements for parts that operate at elevated temperatures. They provide a highly reliable capacitor with low loss and stable capacitance over temperature. They are ideal for automotive under the hood sensors, and various industrial applications. Typical industrial application would be drilling monitoring system. They can also be used as bulk capacitors for high temperature camera modules. Both X8R and X8L dielectric capacitors are automotive AEC-Q200 qualified. Optional termination systems, tin, FLEXITERM® and conductive epoxy for hybrid applications are available. Providing this series with our FLEXITERM® termination system provides further advantage to customers by way of enhanced resistance to both, temperature cycling and mechanical damage. PART NUMBER (see page 2 for complete part number explanation) NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part Numbers. Letter AC EG J K M N P Q XY Z Max. 0.33 0.56 0.71 0.90 0.94 1.02 1.27 1.40 1.52 1.78 2.29 2.54 2.79 Thickness (0.013) (0.022) (0.028) (0.035) (0.037) (0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110) PAPER EMBOSSED SIZE 0603 0805 1206 Soldering Reflow/Wave Reflow/Wave Reflow/Wave WVDC 25V 50V 25V 50V 25V 50V 331 Cap 330 G G J J 471 (pF) 470 G G J J 681 680 G G J J 102 1000 G G J J J J 152 1500 G G J J J J 222 2200 G G J J J J 332 3300 G G J J J J 472 4700 G G J J J J 682 6800 G G J J J J 103 Cap 0.01 G G J J J J 153 (μF) 0.015 G G J J J J 223 0.022 G G J J J J 333 0.033 G G J J J J 473 0.047 G G J J J J 683 0.068 G N N M M 104 0.1 N N M M 154 0.15 N N M M 224 0.22 N M M 334 0.33 M M 474 0.47 M 684 0.68 105 1 155 1.5 225 2.2 WVDC 25V 50V 25V 50V 25V 50V SIZE 0603 0805 1206 SIZE 0603 0805 1206 1210 Soldering Reflow/Wave Reflow/Wave Reflow/Wave Reflow/Wave WVDC 25V 50V 100V 25V 50V 100V 16V 25V 50V 100V 10V 50V 100V 271 Cap 270 G G 331 (pF) 330 G G G J J J 471 470 G G G J J J 681 680 G G G J J J 102 1000 G G G J J J J J 152 1500 G G G J J J J J J 182 1800 G G G J J J J J J 222 2200 G G G J J J J J J 272 2700 G G G J J J J J J 332 3300 G G G J J J J J J 392 3900 G G G J J J J J J 472 4700 G G G J J J J J J 562 5600 G G G J J J J J J 682 6800 G G G J J J J J J 822 8200 G G G J J J J J J 103 Cap 0.01 G G G J J J J J J 123 (μF) 0.012 G G J J J J J J 153 0.015 G G J J J J J J 183 0.018 G G J J J J J J 223 0.022 G G J J J J J J 273 0.027 G G J J J J J J 333 0.033 G G J J N J J J 393 0.039 G G J J N J J J 473 0.047 G G J J N J J J 563 0.056 G G J J N J J J 683 0.068 G G J J N J J J 823 0.082 G G J J N J J J 104 0.1 G G J J N J J M 124 0.12 J N J J M 154 0.15 J N J J J Q 184 0.18 N N J J J Q 224 0.22 N N J J J Q 274 0.27 N J M M Q 334 0.33 N J M M Q 394 0.39 N M M P Q 474 0.47 N M M P Q 684 0.68 N M M P Q 824 0.82 N M M P Q 105 1 N M M P Q 155 1.5 M M 225 2.2 M M Z Z 475 Z 106 Z WVDC 25V 50V 100V 25V 50V 100V 16V 25V 50V 100V 10V 50V 100V SIZE 0603 0805 1206 1210 = AEC-Q200 Qualified X8R X8L |
Similar Part No. - 08051F104JAZ2A |
|
Similar Description - 08051F104JAZ2A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |