Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI1442DH Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SI1442DH
Description  N-Channel 12 V (D-S) MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1442DH Datasheet(HTML) 3 Page - Vishay Siliconix

  SI1442DH Datasheet HTML 1Page - Vishay Siliconix SI1442DH Datasheet HTML 2Page - Vishay Siliconix SI1442DH Datasheet HTML 3Page - Vishay Siliconix SI1442DH Datasheet HTML 4Page - Vishay Siliconix SI1442DH Datasheet HTML 5Page - Vishay Siliconix SI1442DH Datasheet HTML 6Page - Vishay Siliconix SI1442DH Datasheet HTML 7Page - Vishay Siliconix SI1442DH Datasheet HTML 8Page - Vishay Siliconix SI1442DH Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Document Number: 63772
S12-0546-Rev. A, 12-Mar-12
www.vishay.com
3
Vishay Siliconix
Si1442DH
New Product
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical support, please contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
5
10
15
20
0
0.5
1
1.5
2
V
DS - Drain-to-Source Voltage (V)
V
GS = 5 V thru 2 V
V
GS = 1 V
V
GS = 1.5 V
0.00
0.01
0.02
0.03
0.04
0
6
12
18
24
30
I
D - Drain Current (A)
V
GS = 2.5 V
V
GS = 1.8 V
V
GS = 4.5 V
0
2
4
6
8
0
6
12
18
24
Q
g - Total Gate Charge (nC)
V
DS = 9.6 V
V
DS = 6 V
V
DS = 3 V
I
D = 7 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
0.5
1
1.5
2
0
0.3
0.6
0.9
1.2
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
400
800
1200
1600
0
3
6
9
12
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.7
0.9
1.1
1.3
1.5
- 50
- 25
0
25
50
75
100
125
150
T
J - Junction Temperature (°C)
I
D = 6 A
V
GS = 2.5 V
V
GS = 4.5 V


Similar Part No. - SI1442DH

ManufacturerPart #DatasheetDescription
logo
Vishay Telefunken
SI1442DH TFUNK-SI1442DH Datasheet
268Kb / 12P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SI1442DH VISHAY-SI1442DH Datasheet
252Kb / 12P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI1442DH-T1-GE3 VISHAY-SI1442DH-T1-GE3 Datasheet
252Kb / 12P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI1442DH VISHAY-SI1442DH_V01 Datasheet
252Kb / 12P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI1442DH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Dec-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 08-Aug-16
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com