Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7129DN Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SI7129DN
Description  P-Channel 30 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7129DN Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SI7129DN Datasheet HTML 5Page - Vishay Siliconix SI7129DN Datasheet HTML 6Page - Vishay Siliconix SI7129DN Datasheet HTML 7Page - Vishay Siliconix SI7129DN Datasheet HTML 8Page - Vishay Siliconix SI7129DN Datasheet HTML 9Page - Vishay Siliconix SI7129DN Datasheet HTML 10Page - Vishay Siliconix SI7129DN Datasheet HTML 11Page - Vishay Siliconix SI7129DN Datasheet HTML 12Page - Vishay Siliconix SI7129DN Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.vishay.com
4
Document Number 71681
03-Mar-06
Vishay Siliconix
AN822
CONCLUSIONS
As a derivative of the PowerPAK SO-8, the PowerPAK
1212-8 uses the same packaging technology and has
been shown to have the same level of thermal perfor-
mance while having a footprint that is more than 40 %
smaller than the standard TSSOP-8.
Recommended PowerPAK 1212-8 land patterns are
provided to aid in PC board layout for designs using this
new package.
The PowerPAK 1212-8 combines small size with attrac-
tive thermal characteristics. By minimizing the thermal
rise above the board temperature, PowerPAK simplifies
thermal design considerations, allows the device to run
cooler, keeps rDS(ON) low, and permits the device to
handle more current than a same- or larger-size MOS-
FET die in the standard TSSOP-8 or SO-8 packages.
Figure 5. Spreading Copper - Si7401DN
45
55
65
75
85
95
105
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Spreading Copper (sq. in.)
100 %
50 %
0 %
Figure 6. Spreading Copper - Junction-to-Ambient Performance
50
60
70
80
90
100
110
120
130
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Spreading Copper (sq. in.)
100 %
0 %
50 %


Similar Part No. - SI7129DN

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI7129DN KEXIN-SI7129DN Datasheet
2Mb / 8P
   P-Channel MOSFET
logo
Vishay Siliconix
SI7129DN-T1-GE3 VISHAY-SI7129DN-T1-GE3 Datasheet
570Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI7129DN-T1-GE3 VISHAY-SI7129DN-T1-GE3 Datasheet
609Kb / 13P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI7129DN VISHAY-SI7129DN_V01 Datasheet
609Kb / 13P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI7129DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com