Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232BL-XXYY Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # FT232BL-XXYY
Description  USB UART IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL-XXYY Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button FT232BL-XXYY Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232BL-XXYY Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232BL-XXYY Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232BL-XXYY Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232BL-XXYY Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232BL-XXYY Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232BL-XXYY Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232BL-XXYY Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232BL-XXYY Datasheet HTML 12Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Copyright © 2011 Future Technology Devices International Limited
8
Document No.: FT_000329
FT232BL
/BQ USB UART IC Datasheet Version 2.2
Clearance No.: FTDI#
171
3.3 LQFP and QFN Package Pin Out Description
Pin No.
Name
Type
Description
7
USBDP
I/O
USB Data Signal Plus ( Requires 1.5k pull-up to 3V3OUT or RSTOUT# )
8
USBDM
I/O
USB Data Signal Minus
Table 3.1 USB Interface Group
Pin No.
Name
Type
Description
13
VCCIO
PWR
+3.0 volt to +5.25 volt VCC to the UART interface pins 10...12, 14...16 and
18...25. When interfacing with 3.3V external logic in a bus powered design connect
VCCIO to a 3.3V supply generated from the USB bus. When interfacing with 3.3V
external logic in a self powered design connect VCCIO to the 3.3V supply of the
external logic. Otherwise connect to VCC to drive out at 5V CMOS level.
9,17
GND
PWR
Device ground supply pins
6
3V3OUT
Output
3.3 volt Output from the integrated LDO regulator This pin should be decoupled to
GND using a 33nF ceramic capacitor in close proximity to the device pin. Its prime
purpose is to provide the internal 3.3V supply to the USB transceiver cell and the
RSTOUT# pin. A small amount of current (<= 5mA) can be drawn from this pin to
power external 3.3v logic if required.
3,26
VCC
PWR
+4.35 volt to +5.25 volt VCC to the device core, LDO and non-UART interface pins
30
AVCC
PWR
Device analogue power supply for internal x8 clock multiplier
29
AGND
PWR
Device analogue ground supply for internal x8 clock multiplier
Table 3.2 Power and Ground Group
Pin No.
Name
Type
Description
4
RESET#
Input
Active low reset pin. This can be used by an external device to reset the FT232B.
If not required can be left unconnected, or pulled up to VCC.
5
RSTOUT#
Output
Output of the internal Reset Generator. Stays high impedance for ~ 5ms after
VCC > 3.5V and the internal clock starts up, and then clamps its output to the
3.3v output of the internal regulator. Taking RESET# low will also force RSTOUT#
to drive low. RSTOUT# is NOT affected by a USB Bus Reset
12
TXLED#
O.C
LED Drive – Pulses Low when Transmitting Data via USB
11
RXLED#
O.C
LED Drive – Pulses Low when Receiving Data via USB
27
XTIN
Input
Input to 6MHz Crystal Oscillator Cell. This pin can also be driven by an external
6MHz clock if required. Note: Switching threshold of this pin is VCC/2, so if driving
from an external source, the source must be driving at 5V CMOS level or AC-
coupled to centre around VCC/2.
28
XTOUT
Output
Output from 6MHz Crystal Oscillator Cell. XTOUT stops oscillating during USB
suspend, so take care if using this signal to clock external logic.
31
TEST
Input
Puts the device into IC test mode. Must be tied to GND for normal operation,
otherwise the device will appear to fail.
Table 3.3 Miscellaneous Signal Group


Similar Part No. - FT232BL-XXYY

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232BL-XXYY FTDI-FT232BL-XXYY Datasheet
1Mb / 34P
   USB UART IC
More results

Similar Description - FT232BL-XXYY

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232RN FTDI-FT232RN Datasheet
1Mb / 40P
   USB UART IC
Version 1.0
FT232BQ-REEL FTDI-FT232BQ-REEL Datasheet
1Mb / 34P
   USB UART IC
FT232RL-REEL FTDI-FT232RL-REEL Datasheet
832Kb / 47P
   USB UART IC
FT230XS-U FTDI-FT230XS-U Datasheet
816Kb / 44P
   (USB to BASIC UART IC)
FT220XQ-T FTDI-FT220XQ-T Datasheet
947Kb / 46P
   USB to BASIC UART IC
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
   USB to UART Bridge IC
logo
Future Technology Devic...
FT234XD-R FTDI-FT234XD-R Datasheet
695Kb / 37P
   USB to BASIC UART IC
logo
Holtek Semiconductor In...
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
   USB to UART Bridge IC
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
HT42B564-X HOLTEK-HT42B564-X Datasheet
1Mb / 13P
   USB (HID) to UART Bridge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com