Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT2232HQ Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # FT2232HQ
Description  Dual High Speed USB to Multipurpose UART/FIFO IC
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT2232HQ Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  FT2232HQ Datasheet HTML 1Page - Future Technology Devices International Ltd. FT2232HQ Datasheet HTML 2Page - Future Technology Devices International Ltd. FT2232HQ Datasheet HTML 3Page - Future Technology Devices International Ltd. FT2232HQ Datasheet HTML 4Page - Future Technology Devices International Ltd. FT2232HQ Datasheet HTML 5Page - Future Technology Devices International Ltd. FT2232HQ Datasheet HTML 6Page - Future Technology Devices International Ltd. FT2232HQ Datasheet HTML 7Page - Future Technology Devices International Ltd. FT2232HQ Datasheet HTML 8Page - Future Technology Devices International Ltd. FT2232HQ Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
Copyright © Future Technology Devices International Limited
4
FT2232H Dual High Speed USB to Multipurpose UART/FIFO IC
Datasheet
Version 2.5
Document No.: FT_000061 Clearance No.: FTDI#77
1.2
Part Numbers
Part Number
Package
FT2232HL-xxxx
64 Pin LQFP
FT2232HQ-xxxx
64 Pin QFN
FT2232H-56Q-xxxx
56 Pin VQFN
Note: Packaging code for xxxx is:
- Reel: Taped and Reel (LQFP =1000 pcs per reel, QFN-64 =4000 pcs per reel, QFN-56 = 3000 pcs per
reel)
- Tray: Tray packing, (LQFP =160 pcs per tray, QFN-64 =260 pcs per tray, QFN-56 = 260 pcs per tray)
Please refer to section 8 for all package mechanical parameters.
1.3
USB Compliant
The FT2232H is fully compliant with the USB 2.0 specification and has been given the USB-IF Test-ID
(TID) 40720019.
The timing of the rise/fall time of the USB signals is not only dependant on the USB signal drivers, it is
also dependant system and is affected by factors such as PCB layout, external components and any
transient protection present on the USB signals. For USB compliance these may require a slight
adjustment. This timing can be modified through a programmable setting stored in the same external
EEPROM that is used for the USB descriptors. Timing can also be changed by adding appropriate passive
components to the USB signals.


Similar Part No. - FT2232HQ

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232HQ FTDI-FT2232HQ Datasheet
2Mb / 67P
   Dual High Speed USB to Multipurpose UART/FIFO IC
logo
List of Unclassifed Man...
FT2232HQ ETC-FT2232HQ Datasheet
639Kb / 10P
   Cmod A7 Reference Manual
June 24, 2016
logo
Future Technology Devic...
FT2232HQ-4000 FTDI-FT2232HQ-4000 Datasheet
1Mb / 63P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
logo
Texas Instruments
FT2232HQ-REEL TI-FT2232HQ-REEL Datasheet
1Mb / 30P
[Old version datasheet]   LAUNCHXL-F28379D Overview
2016-2019
More results

Similar Description - FT2232HQ

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT232HQ-REEL FTDI-FT232HQ-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HQ-TRAY FTDI-FT232HQ-TRAY Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL-REEL FTDI-FT232HL-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL FTDI-FT232HL Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H Datasheet
1Mb / 60P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART
FT232H FTDI-FT232H Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT4232HL-REEL FTDI-FT4232HL-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
FT4232HQ-REEL FTDI-FT4232HQ-REEL Datasheet
1Mb / 55P
   Quad High Speed USB to Multipurpose UART/MPSSE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com