Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8483DB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI8483DB
Description  P-Channel 12 V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8483DB Datasheet(HTML) 4 Page - Vishay Siliconix

  SI8483DB Datasheet HTML 1Page - Vishay Siliconix SI8483DB Datasheet HTML 2Page - Vishay Siliconix SI8483DB Datasheet HTML 3Page - Vishay Siliconix SI8483DB Datasheet HTML 4Page - Vishay Siliconix SI8483DB Datasheet HTML 5Page - Vishay Siliconix SI8483DB Datasheet HTML 6Page - Vishay Siliconix SI8483DB Datasheet HTML 7Page - Vishay Siliconix SI8483DB Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Si8483DB
www.vishay.com
Vishay Siliconix
S15-0932-Rev. C, 20-Apr-15
4
Document Number: 63553
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
Safe Operating Area, Junction-to-Ambient
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD - Source-to-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
- 50
- 25
0
25
50
75
100
125
150
T
J -Temperature (°C)
I
D = 250 μA
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
012345
V
GS - Gate-to-Source Voltage (V)
T
J = 125 °C
T
J = 25 °C
I
D = 1.5 A
0
5
10
15
20
25
30
Pulse (s)
10
1000
0.1
0.01
0.001
100
1
0.01
0.1
1
10
100
0.1
1
10
100
V
DS -Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
100 μs
100 ms
Limited by R
DS(on)*
1 ms
T
A = 25 °C
BVDSS Limited
10 ms
1 s, 10 s
DC


Similar Part No. - SI8483DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI8483DB VISHAY-SI8483DB_V01 Datasheet
174Kb / 8P
   P-Channel 12 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI8483DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com