Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC513 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # AC513
Description  TO-8 CASCADABLE AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC513 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  AC513 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC513 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
Rev. 5/10
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
TO-8 Package for Amplifiers
SMTO-8 Package for Amplifiers
AC513
5 TO 500 MHz
TO-8 CASCADABLE AMPLIFIER
AC513
Typical Values
AC513
Low Noise Figure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.9 dB
High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
20.0 dB
Low Power Consumption . . . . . . . . . . . . . . . . . . . . . . . . .
14 mA at +15V
High Performance Thin Film
Standard Size TO-8 Package
Small Signal Gain (Min.)
20.0 dB
19.5 dB
19.0 dB
Gain Flatness (Max.)
±0.25 dB
±0.5 dB
±0.8 dB
Noise Figure (Max.)
1.9 dB
2.3 dB
2.8 dB
SWR (Max.)
Input/Output
< 1.5:1
1.7:1
2.0:1
Power Output (Min.)
@ 1dB comp.
+3.5 dBm
+2.0 dBm
+1.5 dBm
Reverse Isolation
24.0 dB
——
DC Current (Max.)
14 mA
16 mA
18 mA
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
3-600 MHz
5-500 MHz
5-500 MHz
Typical @ 25 °C
AC513
Second Order Harmonic Intercept Point . . . . . . . . . . . . . . .
+23 dBm
Second Order Two Tone Intercept Point . . . . . . . . . . . . . . .
+17 dBm
Third Order Two Tone Intercept Point . . . . . . . . . . . . . . . . .
+16 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to +125 °C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+21 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+13 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . . .
50 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Thermal Resistance1 (θjc) . . . . . . . . . . . . . . . . . . . . . . . . . . .
+57 °C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . . .
+13.6 °C
1 Thermal resistance is based on total power dissipation.
AS513


Similar Part No. - AC513

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC513 ETC-AC513 Datasheet
116Kb / 2P
   5 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC513

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC457 TELEDYNE-AC457 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC509 TELEDYNE-AC509 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC453 TELEDYNE-AC453 Datasheet
177Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC534 TELEDYNE-AC534 Datasheet
177Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC2348 TELEDYNE-AC2348 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC548 TELEDYNE-AC548 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC2205 TELEDYNE-AC2205 Datasheet
190Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AP108 TELEDYNE-AP108 Datasheet
190Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC437 TELEDYNE-AC437 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC557 TELEDYNE-AC557 Datasheet
174Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com