Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

080510VF104J4Z2A Datasheet(PDF) 1 Page - AVX Corporation

Part # 080510VF104J4Z2A
Description  Automotive MLCC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

080510VF104J4Z2A Datasheet(HTML) 1 Page - AVX Corporation

  080510VF104J4Z2A Datasheet HTML 1Page - AVX Corporation 080510VF104J4Z2A Datasheet HTML 2Page - AVX Corporation 080510VF104J4Z2A Datasheet HTML 3Page - AVX Corporation 080510VF104J4Z2A Datasheet HTML 4Page - AVX Corporation 080510VF104J4Z2A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
58
012517
GENERAL DESCRIPTION
AVX Corporation has supported the Automotive Industry requirements for
Multilayer Ceramic Capacitors consistently for more than 10 years. Products
have been developed and tested specifically for automotive applications and
all manufacturing facilities are QS9000 and VDA 6.4 approved.
As part of our sustained investment in capacity and state of the art
technology, we are now transitioning from the established Pd/Ag electrode
system to a Base Metal Electrode system (BME).
AVX is using AECQ200 as the qualification vehicle for this transition. A detailed
qualification package is available on request and contains results on a range
of part numbers including:
X7R dielectric components containing BME electrode and copper
terminations with a Ni/Sn plated overcoat.
X7R dielectric components, BME electrode with epoxy finish for conduc-
tive glue mounting.
X7R dielectric components BME electrode and soft terminations with a
Ni/Sn plated overcoat.
NP0 dielectric components containing Pd/Ag electrode and silver termina-
tion with a Ni/Sn plated overcoat.
Automotive MLCC
Automotive
HOW TO ORDER
0805
Size
0402
0603
0805
1206
1210
1812
5
Voltage
10V = Z
16V = Y
25V = 3
50V = 5
100V = 1
200V = 2
500V = 7
2
Packaging
2 = 7" Reel
4 = 13" Reel
A
Dielectric
NP0 = A
X7R = C
X8R = F
104
Capacitance
Code (In pF)
2 Significant
Digits + Number
of Zeros
e.g. 10μF = 106
K
Capacitance
Tolerance
F = ±1%
(≥10pF)*
G = ±2%
(≥10pF)*
J = ±5%
(≤1μF)
K = ±10%
M = ±20%
*NPO only
4
Failure Rate
4 = Automotive
A
Special Code
A = Std. Product
Commercial
Automotive
Administrative
Standard Part Numbers.
Specific Automotive Part Number. Used to control
No restriction on who purchases these parts.
supply of product to Automotive customers.
Design
Minimum ceramic thickness of 0.020"
Minimum Ceramic thickness of 0.029" (0.74mm)
on all X7R product.
Dicing
Side & End Margins = 0.003" min
Side & End Margins = 0.004" min
Cover Layers = 0.003" min
Lot Qualification
As per EIA RS469
Increased sample plan –
(Destructive Physical
stricter criteria.
Analysis - DPA)
Visual/Cosmetic Quality
Standard process and inspection
100% inspection
Application Robustness
Standard sampling for accelerated
Increased sampling for accelerated wave solder on
wave solder on X7R dielectrics
X7R and NP0 followed by lot by lot reliability testing.
COMMERCIAL VS AUTOMOTIVE MLCC PROCESS COMPARISON
All Tests have Accept/Reject Criteria 0/1
T
Terminations
T = Plated Ni and Sn
Z = FLEXITERM®**
U = Conductive Epoxy**
**X7R & X8R only
NOTE: Contact factory for non-specified capacitance values.
0402 case size available in T termination only.
Contact factory for availability of Tolerance Options for Specific Part Numbers.


Similar Part No. - 080510VF104J4Z2A

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0805108 PHOENIX-0805108 Datasheet
103Kb / 4P
   MSTB 2,5/ 7-ST-5,08 BD:1-7
0805108 PHOENIX-0805108 Datasheet
146Kb / 7P
   MSTB 2,5/20-ST-5,08
0805108 PHOENIX-0805108 Datasheet
114Kb / 3P
   MSTB 2,5/ 3-ST-5,08 AU
0805108 PHOENIX-0805108 Datasheet
149Kb / 7P
   MSTB 2,5/ 3-ST-5,08
0805108 PHOENIX-0805108 Datasheet
150Kb / 7P
   FRONT-MSTB 2,5/ 3-ST-5,08
More results

Similar Description - 080510VF104J4Z2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12063F474K4T2A AVX-12063F474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12065C224K4T2A AVX-12065C224K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12101C105K4T2A AVX-12101C105K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
08053C474K4T2A AVX-08053C474K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
12061C103K4T2A AVX-12061C103K4T2A Datasheet
88Kb / 5P
   Automotive MLCC Automotive
06035C333K4T2A AVX-06035C333K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
080555A104K4T2A AVX-080555A104K4T2A Datasheet
105Kb / 5P
   Automotive MLCC
06035A471J4T2A AVX-06035A471J4T2A Datasheet
88Kb / 5P
   Automotive MLCC
08055A471J4T2A AVX-08055A471J4T2A Datasheet
88Kb / 5P
   Automotive MLCC
06031C471K4T2A AVX-06031C471K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
08055C332K4T2A AVX-08055C332K4T2A Datasheet
88Kb / 5P
   Automotive MLCC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com