Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC556 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC556
Description  TO-8 CASCADABLE AMPLIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC556 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC556 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC556 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
FREQUENCY - MHz
5
10
30
50
100
200
300
400
500
600
Gain vs Temperature AC556
5.0
4.0
3.0
2.0
Noise Figure Vcc = 15
KEY: +25
°C
+85
°C
-55
°C
Power Output at 1 dB Compression
60
50
40
30
20
10
Intercept Point AC556
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
2nd HAR
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
5
10
30
50
100
200
300
400
500
600
30.0
29.0
28.0
27.0
16.0
15.0
14.0
13.0
12.0
11.0
F REQUENCY - MHz
5
10
30
50
100
200
300
400
500
600
Gain vs Temperature AC576
30.0
29.0
28.0
27.0
IP 3
IP 2
60
50
40
30
20
10
Intercept Point AC576
FREQUENCY - MHz
2nd HAR
5
10
30
50
100
200
300
400
500
600
IP 3
IP 2
AC556
AC576
AC556 +1 5V
AC576 +1 5V
AC556 +1 2V
AC576 +1 2V
AC556/AC576
Model: AC556
Vcc=+15V
Icc=64.93
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
2
1.63
2.05
27.3
-41.9
5
1.34
1.41
28.5
-40.3
10
1.31
1.28
28.7
-40.1
50
1.23
1.22
28.9
1.593
-40.1
100
1.27
1.20
28.8
1.153
-39.5
200
1.25
1.15
28.9
1.013
-40.0
300
1.23
1.05
28.7
0.990
-38.7
400
1.18
1.11
28.8
1.085
-37.5
500
1.20
1.40
28.7
1.113
-36.3
600
1.75
1.96
28.2
1.302
-34.8
LINEAR S-PARAMETERS
Model: AC556
Vcc=+15V
Icc=64.93
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
2
0.24
-48.1
23.23
67.8
0.008
65.0
0.34
-87.0
5
0.15
-29.1
26.70
23.3
0.010
25.0
0.17
-115.3
10
0.13
-22.3
27.35
8.5
0.010
15.0
0.12
-139.8
50
0.10
6.0
27.80
-14.9
0.010
1.0
0.10
179.3
100
0.12
-4.6
27.55
-35.6
0.011
-0.0
0.09
163.2
200
0.11
8.3
27.98
-72.0
0.010
2.0
0.07
133.8
300
0.10
-7.7
27.30
-107.7
0.012
-8.0
0.03
104.1
400
0.08
-10.7
27.43
-146.6
0.013
-10.0
0.05
-97.7
500
0.09
-150.1
27.16
173.3
0.015
-16.0
0.17
-129.7
600
0.28
131.6
25.79
126.4
0.018
-33.0
0.32
-165.3
700
0.54
106.7
22.06
80.4
0.019
-57.0
0.48
155.2
Model: AC556
Vcc=+12V
Icc=51.69
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
2
1.60
2.07
27.0
-41.7
5
1.38
1.42
28.2
-40.2
10
1.33
1.28
28.4
-39.8
50
1.32
1.22
28.5
1.612
-40.3
100
1.36
1.20
28.6
1.152
-39.6
200
1.22
1.14
28.6
1.021
-39.7
300
1.21
1.04
28.4
0.998
-38.0
400
1.15
1.15
28.4
1.089
-37.1
500
1.18
1.50
28.4
1.127
-35.7
600
1.88
2.19
27.9
1.335
-33.9
Model: AC576
Vcc=+15V
Icc=66.67
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
2
1.49
1.73
27.5
-40.0
5
1.24
1.16
28.7
-38.3
10
1.19
1.08
28.9
-38.0
50
1.18
1.03
29.0
1.813
-37.8
100
1.18
1.04
29.0
1.076
-37.8
200
1.19
1.08
29.1
1.014
-37.6
300
1.19
1.14
29.3
1.033
-37.2
400
1.19
1.25
29.3
1.088
-36.6
500
1.27
1.43
29.3
1.147
-35.8
600
1.51
1.74
29.1
1.212
-35.1
Model: AC576
Vcc=+12V
Icc=52.74
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
2
1.47
1.69
27.2
-39.7
5
1.26
1.16
28.4
-38.1
10
1.22
1.08
28.5
-37.9
50
1.21
1.03
28.6
1.808
-37.6
100
1.20
1.04
28.6
1.080
-37.6
200
1.21
1.08
28.8
1.019
-37.4
300
1.22
1.15
28.9
1.040
-36.8
400
1.25
1.28
29.0
1.099
-36.2
500
1.35
1.51
29.0
1.162
-35.2
600
1.62
1.91
28.7
1.232
-34.3


Similar Part No. - AC556

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC552 TELEDYNE-AC552 Datasheet
177Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
AC555 TELEDYNE-AC555 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC557 TELEDYNE-AC557 Datasheet
174Kb / 2P
   TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC558 ETC-AC558 Datasheet
106Kb / 2P
   5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
logo
Teledyne Technologies I...
AC558 TELEDYNE-AC558 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
More results

Similar Description - AC556

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC379 TELEDYNE-AC379 Datasheet
191Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC514 TELEDYNE-AC514 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC519 TELEDYNE-AC519 Datasheet
179Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC525 TELEDYNE-AC525 Datasheet
178Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC2023 TELEDYNE-AC2023 Datasheet
162Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC558 TELEDYNE-AC558 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC564 TELEDYNE-AC564 Datasheet
176Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC542 TELEDYNE-AC542 Datasheet
188Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC543 TELEDYNE-AC543 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC544 TELEDYNE-AC544 Datasheet
175Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
AC541 TELEDYNE-AC541 Datasheet
188Kb / 2P
   TO-8 CASCADABLE AMPLIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com