Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GHFS59102MA6N Datasheet(PDF) 1 Page - AVX Corporation

Part # GHFS59102MA6N
Description  Multi-Cap Arrays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

GHFS59102MA6N Datasheet(HTML) 1 Page - AVX Corporation

  GHFS59102MA6N Datasheet HTML 1Page - AVX Corporation GHFS59102MA6N Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11
Microwave SLCs
Multi-Cap Arrays
GENERAL INFORMATION
AVX Multi-Cap Arrays can be manufactured with 2, 3, 4,
5 or 6 capacitors on one single layer ceramic substrate.
These arrays are available in our X7S (Z), Maxi and
Maxi+ family of GBBL dielectrics and offer a broad
range of capacitance values as detailed in the accom-
panying tables.
These arrays have advantages over single components
in the form of smaller overall size, reduced handling and
lower average unit costs. They are, therefore, a good
choice for broad-band bypass applications where circuit
board layouts can utilize these configurations.
The designs, shown along with the range of maximum
capacitance values, represent typical parts. Since most
applications require specific form factors, custom
designs on all multi-cap arrays are available to meet
individual customer requirements and are offered with
quick turn around. No charge samples are generally
shipped within two weeks of the design sign-off.
Both standard and custom designs are available with
borders for those applications where conductive epoxy
run up exposes the parts to the possibility of shorting.
Maximum capacitance per pad for bordered devices
will be necessarily somewhat lower than shown on the
adjacent page.
2 and 3 cap arrays can be designed with different
capacitance values per pad in circuit designs where
identical values pad-to-pad are, for one reason or anoth-
er, not altogether suitable.
Additionally, the dual-caps are available to match micro
strip widths as dictated by circuit considerations. When
mounted with the individual pads down, the need for
wire bonding is eliminated. The maximum capacitance
values indicated on the typical designs shown represent
capacitance per pad. Mounted with both pads down
puts two capacitors in series. The effective series capac-
itance (CEff), can be determined by 1/CEff = 1/C1 + 1/C2.
Contact the factory or your local AVX representative.
DUAL-CAP
T
G
W
L
MULTI-CAP
W
G
T
L


Similar Part No. - GHFS59102MA6N

ManufacturerPart #DatasheetDescription
logo
DFI Inc
GHF51 DFI-GHF51 Datasheet
760Kb / 2P
   AMD Ryzen Embedded R1000 Series 1.8" SBC
logo
Nova Electric. All Righ...
GHFC10K400 NOVA-GHFC10K400 Datasheet
537Kb / 2P
   SOLID-STATE FREQUENCY CONVERTERS
GHFC10K50 NOVA-GHFC10K50 Datasheet
537Kb / 2P
   SOLID-STATE FREQUENCY CONVERTERS
GHFC10K60 NOVA-GHFC10K60 Datasheet
537Kb / 2P
   SOLID-STATE FREQUENCY CONVERTERS
GHFC15K400 NOVA-GHFC15K400 Datasheet
537Kb / 2P
   SOLID-STATE FREQUENCY CONVERTERS
More results

Similar Description - GHFS59102MA6N

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
GHB AVX-GHB Datasheet
127Kb / 2P
   Microwave SLCs Multi-Cap Arrays
logo
Vishay Siliconix
MTT VISHAY-MTT Datasheet
101Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 06-Apr-17
MTR VISHAY-MTR Datasheet
92Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 18-Apr-13
logo
Visual Communications C...
5690F VCC-5690F Datasheet
94Kb / 1P
   Dual Mounted T-1 Multi-Position LED Arrays
logo
Samsung semiconductor
RP164PJ472CS SAMSUNG-RP164PJ472CS Datasheet
168Kb / 4P
   Arrays
logo
TE Connectivity Ltd
171827-1 TEC-171827-1 Datasheet
86Kb / 1P
   MULTI-INTER LOCK CONNECTOR 17POSITION CAP HOUSING
C2
logo
Tyco Electronics
174057-2 MACOM-174057-2 Datasheet
60Kb / 1P
   2POSITION CAP HOUSING 040SERIES MULTI-LOCK CONNECTOR
logo
List of Unclassifed Man...
A11-0405 ETC2-A11-0405 Datasheet
95Kb / 2P
   CAPACITOR ARRAYS
logo
Exxelia Group
BPMSERIES EXXELIA-BPMSERIES Datasheet
1Mb / 13P
   Planar Arrays
logo
Panasonic Semiconductor
AN90C00 PANASONIC-AN90C00 Datasheet
139Kb / 5P
   TRANSISTOR ARRAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com