Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCT38XXA Datasheet(PDF) 2 Page - Micronas

Part # VCT38XXA
Description  Video/Controller/Teletext IC Family
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VCT38XXA Datasheet(HTML) 2 Page - Micronas

  VCT38XXA Datasheet HTML 1Page - Micronas VCT38XXA Datasheet HTML 2Page - Micronas VCT38XXA Datasheet HTML 3Page - Micronas VCT38XXA Datasheet HTML 4Page - Micronas VCT38XXA Datasheet HTML 5Page - Micronas VCT38XXA Datasheet HTML 6Page - Micronas VCT38XXA Datasheet HTML 7Page - Micronas VCT38XXA Datasheet HTML 8Page - Micronas VCT38XXA Datasheet HTML 9Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 172 page
background image
VCT 38xxA
ADVANCE INFORMATION
2
Micronas
Contents
Page
Section
Title
7
1.
Introduction
81.1.
Features
8
1.1.1.
Video Features
8
1.1.2.
Microcontroller Features
8
1.1.3.
OSD Features
8
1.1.4.
Teletext Features
8
1.1.5.
Audio Features
8
1.1.6.
General Features
9
1.2.
Chip Architecture
10
1.3.
System Application
11
2.
Video Processing
11
2.1.
Introduction
11
2.2.
Video Front-end
11
2.2.1.
Input Selector
11
2.2.2.
Clamping
11
2.2.3.
Automatic Gain Control
11
2.2.4.
Analog-to-Digital Converters
12
2.2.5.
Digitally Controlled Clock Oscillator
12
2.2.6.
Analog Video Output
12
2.3.
Adaptive Comb Filter
13
2.4.
Color Decoder
13
2.4.1.
IF-Compensation
14
2.4.2.
Demodulator
14
2.4.3.
Chrominance Filter
14
2.4.4.
Frequency Demodulator
14
2.4.5.
Burst Detection / Saturation Control
14
2.4.6.
Color Killer Operation
15
2.4.7.
Automatic Standard Recognition
15
2.4.8.
PAL Compensation/ 1-H Comb Filter
16
2.4.9.
Luminance Notch Filter
16
2.4.10.
Skew Filtering
16
2.5.
Horizontal Scaler
16
2.6.
Black-line Detector
17
2.7.
Test Pattern Generator
17
2.8.
Video Sync Processing
18
2.9.
Macrovision Detection
18
2.10.
Display Processing
18
2.10.1.
Luma Contrast Adjustment
18
2.10.2.
Black-Level Expander
19
2.10.3.
Dynamic Peaking
21
2.10.4.
Digital Brightness Adjustment
21
2.10.5.
Soft Limiter
21
2.10.6.
Chroma Interpolation
21
2.10.7.
Chroma Transient Improvement
22
2.10.8.
Inverse Matrix
22
2.10.9.
RGB Processing
22
2.10.10.
OSD Color Look-up Table
22
2.10.11.
Picture Frame Generator
23
2.10.12.
Priority Decoder
23
2.10.13.
Scan Velocity Modulation
23
2.10.14.
Display Phase Shifter


Similar Part No. - VCT38XXA

ManufacturerPart #DatasheetDescription
logo
Vatronics Technologies ...
VCT3030 VATRONICS-VCT3030 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
VCT3060 VATRONICS-VCT3060 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
VCT3100 VATRONICS-VCT3100 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
VCT3200 VATRONICS-VCT3200 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
VCT3300 VATRONICS-VCT3300 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
More results

Similar Description - VCT38XXA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5231 PHILIPS-SAA5231 Datasheet
84Kb / 13P
   Teletext video processor
November 1986
SAA5191 PHILIPS-SAA5191 Datasheet
54Kb / 9P
   Teletext video processor
March 1991
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
Micronas
VDP31XXB MICRONAS-VDP31XXB Datasheet
597Kb / 72P
   Video Processor Family
VDP313XY MICRONAS-VDP313XY Datasheet
1Mb / 76P
   Video Processor Family
logo
Active-Semi, Inc
ACT30BHT-1119 ACTIVE-SEMI-ACT30BHT-1119 Datasheet
257Kb / 10P
   High Performance Off-Line Controller ActiveSwitcherTM IC Family
Rev 5, 05-Jun-09
ACT30 ACTIVE-SEMI-ACT30 Datasheet
265Kb / 10P
   High Performance Off-Line Controller ActiveSwitcher??IC Family
Rev 5, 05-Jun-09
logo
Infineon Technologies A...
SDA6000 INFINEON-SDA6000 Datasheet
2Mb / 380P
   Teletext Decoder with Embedded 16-bit Controller
Version 2.1, June 2000
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
logo
Synaptics Incorporated.
FUSION878A CONEXANT-FUSION878A Datasheet
50Kb / 1P
   TELETEXT Application for Conexant Fusion 878A PCI Video Capture Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com