Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780032AYGC Datasheet(PDF) 8 Page - NEC

Part # UPD780032AYGC
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD780032AYGC Datasheet(HTML) 8 Page - NEC

Back Button UPD780032AYGC Datasheet HTML 4Page - NEC UPD780032AYGC Datasheet HTML 5Page - NEC UPD780032AYGC Datasheet HTML 6Page - NEC UPD780032AYGC Datasheet HTML 7Page - NEC UPD780032AYGC Datasheet HTML 8Page - NEC UPD780032AYGC Datasheet HTML 9Page - NEC UPD780032AYGC Datasheet HTML 10Page - NEC UPD780032AYGC Datasheet HTML 11Page - NEC UPD780032AYGC Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
8
µPD780031AY, 780032AY, 780033AY, 780034AY
Data Sheet U14045EJ1V0DS00
64-pin plastic QFP (14
× 14 mm)
µPD780031AYGC-×××-AB8, 780032AYGC-×××-AB8, 780033AYGC-×××-AB8, 780034AYGC-×××-AB8
64-pin plastic LQFP (12
× 12 mm)
µPD780031AYGK-×××-8A8, 780032AYGK-×××-8A8, 780033AYGK-×××-8A8, 780034AYGK-×××-8A8
Cautions 1. Connect the IC (Internally Connected) pin directly to VSS0 or VSS1.
2. Connect the AVSS pin to VSS0.
Remark
When the
µPD780031AY, 780032AY, 780033AY, and 780034AY are used in applications where the
noise generated inside the microcontroller needs to be reduced, the implementation of noise reduction
measures, such as supplying voltage to VDD0 and VDD1 individually and connecting VSS0 and VSS1 to
different ground lines, is recommended.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
P50/A8
P51/A9
P52/A10
P53/A11
P54/A12
P55/A13
P56/A14
P57/A15
VSS0
VDD0
P30
P31
P32/SDA0
P33/SCL0
P34
P35
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
P71/TI01
P70/TI00/TO0
P03/INTP3/ADTRG
P02/INTP2
P01/INTP1
P00/INTP0
VSS1
X1
X2
IC
XT1
XT2
RESET
AVDD
AVREF
P10/ANI0
17 18 19 20 21 22
23
24 25
26 27 28 29 30
31 32
64 63 62 61 60 59
58
57 56
55 54 53 52 51
50 49


Similar Part No. - UPD780032AYGC

ManufacturerPart #DatasheetDescription
logo
NEC
UPD780032AY NEC-UPD780032AY Datasheet
660Kb / 90P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results

Similar Description - UPD780032AYGC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
   8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
   8-Bit Single-Chip Microcontrollers
logo
Hynix Semiconductor
GMS87C1404 HYNIX-GMS87C1404 Datasheet
1Mb / 84P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS87C4060 HYNIX-GMS87C4060 Datasheet
1Mb / 102P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS87C13042A HYNIX-HMS87C13042A Datasheet
1Mb / 88P
   8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com