Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCT3834A Datasheet(PDF) 8 Page - Micronas

Part # VCT3834A
Description  Video/Controller/Teletext IC Family
Download  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VCT3834A Datasheet(HTML) 8 Page - Micronas

Back Button VCT3834A Datasheet HTML 4Page - Micronas VCT3834A Datasheet HTML 5Page - Micronas VCT3834A Datasheet HTML 6Page - Micronas VCT3834A Datasheet HTML 7Page - Micronas VCT3834A Datasheet HTML 8Page - Micronas VCT3834A Datasheet HTML 9Page - Micronas VCT3834A Datasheet HTML 10Page - Micronas VCT3834A Datasheet HTML 11Page - Micronas VCT3834A Datasheet HTML 12Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 172 page
background image
VCT 38xxA
ADVANCE INFORMATION
8
Micronas
1.1. Features
1.1.1. Video Features
– four composite video inputs, two S-VHS inputs
– analog YCrCb input
– composite video monitor
– multistandard color decoder (1 crystal)
– multistandard sync decoder
– black-line detector
– adaptive 2H comb filter Y/C separator
– horizontal scaling (0.25 to 4)
– Panoramavision
– black-level expander
– dynamic peaking
– soft limiter (gamma correction)
– color transient improvement
– programmable RGB matrix
– analog RGB/Fastblank input
– half-contrast switch
– picture frame generator
– scan velocity modulation output
– high-performance H/V deflection
– angle and bow correction
– separate ADC for tube measurements
– EHT compensation
1.1.2. Microcontroller Features
– 8-bit, 10-MHz CPU (65C02)
– 96 kB program ROM on chip
– 1 kB program RAM on chip
– memory banking
– 16-input, 16-level interrupt controller
– patch modul for 10 ROM locations
– two 16-bit reloadable timers
– capture compare modul
– watchdog timer
– 14-bit PWM for voltage synthesis
– four 8-bit PWMs
– 10-bit ADC with 15:1 input MUX
– I2C bus master interface
– 24 programmable I/O ports
1.1.3. OSD Features
– 3 kB OSD RAM on chip
– WST level 1.5 compliant
– WST level 2 parallel attributes
– 32 foreground/background colors
– programmable color look-up table
– 1024 mask programmable characters
– 24 national languages
(Latin, Cyrillic, Greek, Arabic, Farsi, Hebrew)
– character matrix 8x8, 8x10, 8x13, 10x8, 10x10, 10x13
– vertical soft scroll
– 4-color mode for user font
1.1.4. Teletext Features
– four programmable video inputs
– acquisition is independent from display part
– adaptive data slicer
– signal quality detection
– WST, PDC, VPS, and WSS acquisition
– high-level command language
– EPG, FLOF, and TOP support
– 10 pages memory on chip
– up to 500 pages with external SRAM
1.1.5. Audio Features
– three mono inputs
– two mono outputs
– programmable channel select
– volume control for one mono channel
1.1.6. General Features
– submicron CMOS technology
– low-power standby mode
– single 20.25-MHz crystal
– 64-pin PSDIP package
– 128-pin PMQFP package
– emulator chip for software development


Similar Part No. - VCT3834A

ManufacturerPart #DatasheetDescription
logo
Vatronics Technologies ...
VCT3030 VATRONICS-VCT3030 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
VCT3060 VATRONICS-VCT3060 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
VCT3100 VATRONICS-VCT3100 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
VCT3200 VATRONICS-VCT3200 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
VCT3300 VATRONICS-VCT3300 Datasheet
57Kb / 2P
   Ceramic Trimmer Capacitors 3mm SMD Type
More results

Similar Description - VCT3834A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5231 PHILIPS-SAA5231 Datasheet
84Kb / 13P
   Teletext video processor
November 1986
SAA5191 PHILIPS-SAA5191 Datasheet
54Kb / 9P
   Teletext video processor
March 1991
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
Micronas
VDP31XXB MICRONAS-VDP31XXB Datasheet
597Kb / 72P
   Video Processor Family
VDP313XY MICRONAS-VDP313XY Datasheet
1Mb / 76P
   Video Processor Family
logo
Active-Semi, Inc
ACT30BHT-1119 ACTIVE-SEMI-ACT30BHT-1119 Datasheet
257Kb / 10P
   High Performance Off-Line Controller ActiveSwitcherTM IC Family
Rev 5, 05-Jun-09
ACT30 ACTIVE-SEMI-ACT30 Datasheet
265Kb / 10P
   High Performance Off-Line Controller ActiveSwitcher??IC Family
Rev 5, 05-Jun-09
logo
Infineon Technologies A...
SDA6000 INFINEON-SDA6000 Datasheet
2Mb / 380P
   Teletext Decoder with Embedded 16-bit Controller
Version 2.1, June 2000
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
logo
Synaptics Incorporated.
FUSION878A CONEXANT-FUSION878A Datasheet
50Kb / 1P
   TELETEXT Application for Conexant Fusion 878A PCI Video Capture Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com