Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC61A Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC61A
Description  Low Voltage Detectors竊늊DF=0.8V)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61A Datasheet(HTML) 1 Page - Torex Semiconductor

  XC61A Datasheet HTML 1Page - Torex Semiconductor XC61A Datasheet HTML 2Page - Torex Semiconductor XC61A Datasheet HTML 3Page - Torex Semiconductor XC61A Datasheet HTML 4Page - Torex Semiconductor XC61A Datasheet HTML 5Page - Torex Semiconductor XC61A Datasheet HTML 6Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Low Voltage Detectors(VDF=0.8V)
Series
125
2
■General Description
■Features
■Applications
The XC61A series are highly precise, low power consumption voltage
detectors, manufactured using CMOS and laser trimming technologies.
Detect voltage is extremely accurate with minimal temperature drift.
N channel open drain output configurations is available.
Highly accurate
: ± 2%
Low power consumption : TYP 1.0
µA [ VIN=2.0V ]
Detect voltage range
: 0.8V (N-ch open drain)
Operating voltage range : 0.7V ~ 6.0V
Detect voltage temperature characteristics
: TYP± 100ppm/°C
Output configuration
: N-channel open drain
Ultra small package
: SOT-23 (150mW) mini-mold
: SOT-89 (500mW) mini-mold
: TO-92 (300mW)
GMicroprocessor reset circuitry
GMemory battery back-up circuits
GPower-on reset circuits
GPower failure detection
GSystem battery life and charge voltage monitors
NCMOS
NHighly Accurate
: ± 2%
NLow Power Consumption : 1.0µA (VIN = 2.0V)
NUltra small Mini Mold Package
3
12
VIN
VOUT
VSS
SOT-23
(TOP VIEW)
VOUT
VSS
VIN
12
3
SOT-89
(TOP VIEW)
PIN
SOT-23
SOT-89
NAME
32
V IN
Supply Voltage Input
23
VSS
Ground
11
2
3
1VOUT
Output
FUNCTION
TO-92 (T)
1
2
3
TO-92 (L)
PIN NUMBER
■Pin Configuration
■Pin Assignment
123
TO-92 (T Type)
(TOP VIEW)
VOUT
VIN VSS
N-ch Open Drain Output
R
100k
VIN
VOUT
VSS
VIN
■Typical Application Circuit
123
TO-92 (L Type)
(TOP VIEW)
VIN
VSS
VOUT
02S_01XC61A 02.09.12 13:58 ページ 125


Similar Part No. - XC61A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101 TOREX-XC6101 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016EL TOREX-XC610101A016EL Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ER TOREX-XC610101A016ER Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ML TOREX-XC610101A016ML Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
More results

Similar Description - XC61A

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61G TOREX-XC61G Datasheet
1Mb / 14P
   LOW VOLTAGE DETECTORS (VDF=0.8V-1.5V)
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61C TOREX-XC61C_1 Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com