Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC61AN0802MRLH8 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC61AN0802MRLH8
Description  Low Voltage Detectors竊늊DF=0.8V)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC61AN0802MRLH8 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC61AN0802MRLH8 Datasheet HTML 1Page - Torex Semiconductor XC61AN0802MRLH8 Datasheet HTML 2Page - Torex Semiconductor XC61AN0802MRLH8 Datasheet HTML 3Page - Torex Semiconductor XC61AN0802MRLH8 Datasheet HTML 4Page - Torex Semiconductor XC61AN0802MRLH8 Datasheet HTML 5Page - Torex Semiconductor XC61AN0802MRLH8 Datasheet HTML 6Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
XC61A Series
126
2
XC61A x x x x x x x
a b c d e f
Output Configuration :
PackageType :
M = SOT-23
N = N-ch open drain
P = SOT-89
Detect Voltage :
T = TO-92 ( regular )
L = TO-92 ( Custom pin Configuration)
08 = 0.8V
Output Delay :
Device Orientation :
0 = No delay
R = Embossed Tape ( Right )
L = Embossed Tape ( Left )
Detect Accuracy :
H = Paper Tape (TO-92)
B = Bag (TO-92)
2 = within
± 2.0%
e
f
a
b
c
DESCRIPTION
DESIGNATOR
DESCRIPTION
DESIGNATOR
d
■Packaging Information
GSOT-23
■Product Classification
GOrdering Information
1.1±0.1
0∼0.1
0.15
(0.95)
1.9±0.2
2.9±0.2
+0.1
-0.05
0.4
+0.1
-0.05
02S_01XC61A 02.09.12 13:58 ページ 126


Similar Part No. - XC61AN0802MRLH8

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101 TOREX-XC6101 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016EL TOREX-XC610101A016EL Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ER TOREX-XC610101A016ER Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XC610101A016ML TOREX-XC610101A016ML Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
More results

Similar Description - XC61AN0802MRLH8

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61G TOREX-XC61G Datasheet
1Mb / 14P
   LOW VOLTAGE DETECTORS (VDF=0.8V-1.5V)
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61C TOREX-XC61C_1 Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
XC61C TOREX-XC61C Datasheet
892Kb / 19P
   Low Voltage Detectors
logo
Pericom Semiconductor C...
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
   Ultra Low Voltage Detectors
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
   Ultra Low Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com