Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XE2401L Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # XE2401L
Description  2400bps Serial Input Component Modem
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE2401L Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button XE2401L Datasheet HTML 4Page - List of Unclassifed Manufacturers XE2401L Datasheet HTML 5Page - List of Unclassifed Manufacturers XE2401L Datasheet HTML 6Page - List of Unclassifed Manufacturers XE2401L Datasheet HTML 7Page - List of Unclassifed Manufacturers XE2401L Datasheet HTML 8Page - List of Unclassifed Manufacturers XE2401L Datasheet HTML 9Page - List of Unclassifed Manufacturers XE2401L Datasheet HTML 10Page - List of Unclassifed Manufacturers XE2401L Datasheet HTML 11Page - List of Unclassifed Manufacturers XE2401L Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Engineering Notes
Capacitors C1, C2 and C3 and Ferrite Beads FB1, FB2, and FB3 prevent radiated emmisions from
entering or leaving through the modem's telephone cable. They may be needed for your system to
meet FCC Part 15 Rules. These components should be mounted as close to the RJ11 jack as
possible.
The relay, K1, switches the telephone line to the auxilliary phone jack, J2, so that the phone line can be
used by a telephone handset when the modem is not active.
The XE2401L inlcudes user tranferrable FCC Part 68 Registration; however, your system design must
not introduce any characteristics which cause the Part 68 rules to be violated. Follow design rules
carefully to ensure full compliance with FCC Part 68 rules. Xecom recommends a minimum of 0.100"
clearance for tip and ring traces. Use PCB materials with a minimum rating of 94V0. This will ensure
compliance with FCC 1500V isolation requirements. If this is a problem in your design consult with
Xecom's Customer Service engineers for assistance.
10/XECOM
XE2401L


Similar Part No. - XE2401L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE2420 ETC-XE2420 Datasheet
84Kb / 16P
   2400 BPS Surface-Mountable Integrated Sealed-Hybrid Modem
XE2420-ITR ETC-XE2420-ITR Datasheet
84Kb / 16P
   2400 BPS Surface-Mountable Integrated Sealed-Hybrid Modem
XE2420G ETC2-XE2420G Datasheet
418Kb / 22P
   Smallest World-Wide 2400 BPS Modem
XE2422H ETC1-XE2422H Datasheet
70Kb / 20P
   Low-Cost, 2400 BPS Surface-Mount Modem
XE2476 ETC-XE2476 Datasheet
96Kb / 12P
   2400 bps Plug-In Upgrade to CH1776
More results

Similar Description - XE2401L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XE1214B5 ETC-XE1214B5 Datasheet
117Kb / 12P
   1200bps Component Modem
logo
PHOENIX CONTACT
2313669 PHOENIX-2313669 Datasheet
730Kb / 17P
   Modem - PSI-MODEM-SHDSL/SERIAL
Dec 2, 2022
104460 PHOENIX-104460 Datasheet
285Kb / 9P
   PSI-MODEM-SHDSL/SERIAL
logo
Advantech Co., Ltd.
9PMDS ADVANTECH-9PMDS Datasheet
441Kb / 1P
   Serial Modem Data Splitters
logo
Cooper Bussmann, Inc.
915U-D COOPER-915U-D Datasheet
98Kb / 3P
   915U-D Wireless Serial Modem
805U-D COOPER-805U-D Datasheet
89Kb / 3P
   805U-D Wireless Serial Modem
logo
Synaptics Incorporated.
CX81801 CONEXANT-CX81801 Datasheet
219Kb / 2P
   Serial/Parallel Modem with 3rd
logo
Cooper Bussmann, Inc.
455U-D-H COOPER-455U-D-H Datasheet
365Kb / 3P
   455U-D Wireless Serial Modem
logo
Radiometrix Ltd
CLX2 RADIOMETRIX-CLX2_13 Datasheet
651Kb / 6P
   19200 baud serial wireless modem
logo
Murata Manufacturing Co...
ZN-241G MURATA-ZN-241G Datasheet
177Kb / 3P
   General Purpose Wireless Serial Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com