Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT71D00 Datasheet(PDF) 1 Page - Exar Corporation

Part # XRT71D00
Description  E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT71D00 Datasheet(HTML) 1 Page - Exar Corporation

  XRT71D00 Datasheet HTML 1Page - Exar Corporation XRT71D00 Datasheet HTML 2Page - Exar Corporation XRT71D00 Datasheet HTML 3Page - Exar Corporation XRT71D00 Datasheet HTML 4Page - Exar Corporation XRT71D00 Datasheet HTML 5Page - Exar Corporation XRT71D00 Datasheet HTML 6Page - Exar Corporation XRT71D00 Datasheet HTML 7Page - Exar Corporation XRT71D00 Datasheet HTML 8Page - Exar Corporation XRT71D00 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 (510) 668-7000 FAX (510) 668-7017 www.exar.com

XRT71D00
E3/DS3/STS-1 JITTER ATTENUATOR,STS-1 TO DS3 DESYNCHRONIZER
JULY 2000
REV. 1.01
GENERAL DESCRIPTION
The XRT71D00 is a single channel, single chip Jitter
Attenuator, that meets the Jitter requirements speci-
fied in the ETSI TBR-24, Bellcore GR-499 and GR-
253 standards.
In addition, the XRT71D00 also meets the Jitter and
Wander specifications described in the ANSI
T1.105.03b 1997, Bellcore GR-253 and GR-499 stan-
dards for Desynchronizing and Pointer adjustments in
the DS3 to STS-SPE mapping applications.
FEATURES
• Meets the E3/DS3/STS-1 jitter requirements
• No external components required
• Compliance with jitter transfer template outlined in
ITU G.751, G.752, G.755 and GR-499-CORE,1995
standards
• Meets output jitter requirement as specified by
ETSI TBR24
• Meets the Jitter and Wander specifications
described in T1.105.03b,GR-253 and GR-499 stan-
dards.
• Selectable buffer size of 16 and 32 bits
• Jitter attenuator can be disabled
• Available in a 32 pin TQFP package.
• Single 3.3V or 5.0V supply.
• Operates over - 400 C to 850 C temperature range.
APPLICATIONS
• E3/DS3 Access Equipment.
• STS-SPE to DS3 Mapper
• DSLAMs
BLOCK DIAGRAM OF THE XRT71D00
HO S T /H W
RS T
DS 3/E 3
16/32 B it FIFO
M icroprocessor S e rial
In te rfa ce
Tim ing C o ntro l B lock /
P h ase lo cked Lo op
W rite C lock
R ead C lock
RRClk
RRP O S
RRNE G
FL
DJ A
RC lk
Clk E S
RPO S
RN EG
BW S
IC T
C S SD I
SD O
SC lk
MC lk


Similar Part No. - XRT71D00

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT71D00 EXAR-XRT71D00 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D00IQ EXAR-XRT71D00IQ Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D00 EXAR-XRT71D00_01 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
More results

Similar Description - XRT71D00

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT71D04 EXAR-XRT71D04 Datasheet
264Kb / 22P
   4 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER
XRT71D00 EXAR-XRT71D00_01 Datasheet
278Kb / 26P
   E3/DS3/STS-1 JITTER ATTENUATOR
XRT71D03 EXAR-XRT71D03 Datasheet
246Kb / 24P
   3 CHANNEL E3/DS3/STS-1 JITTER ATTENUATOR
logo
M/A-COM Technology Solu...
28320-ERR-001-A MA-COM-28320-ERR-001-A Datasheet
29Kb / 1P
   12-Port DS3/E3/STS-1 Digital Jitter Attenuator
logo
Asahi Kasei Microsystem...
AK2504A AKM-AK2504A Datasheet
185Kb / 30P
   DS3/STS-1/E3 Transceiver
logo
XFMRS Inc.
XF0506-20 XFMRS-XF0506-20_15 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
XF0506-20 XFMRS-XF0506-20 Datasheet
36Kb / 1P
   T3/DS3/E3/STS-1
logo
TDK Electronics
78P7200L TDK-78P7200L Datasheet
339Kb / 24P
   E3/DS3/STS-1 Transceiver
logo
Exar Corporation
XRT75VL00 EXAR-XRT75VL00 Datasheet
442Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
XRT75VL00 EXAR-XRT75VL00_08 Datasheet
324Kb / 50P
   E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com