Electronic Components Datasheet Search |
|
XRT71D00IQ Datasheet(PDF) 8 Page - Exar Corporation |
|
XRT71D00IQ Datasheet(HTML) 8 Page - Exar Corporation |
8 / 18 page E3/DS3/STS-1 JITTER ATTENUATOR, STS-1 TO DS3 DESYNCHRONIZER XRT71D00 REV. 1.01 8 DC Electrical Characteristics (TA = 25 0C, VDD = 3.3 V ± 5 % unless otherwise specified) PARAMETER SYMBOL MIN TYP MAX UNITS Power Supply Voltage VDD 3.135 3.3 3.465 V Input High Voltage VIH 2.0 5.25 V Input Low Voltage VIL -0.5 0.8 V Output High Voltage @ IOH=-5mA VOH 2.4 V Output Low Voltage @ IOL=5mA VOL 0.4 V Supply Current ( E3) Icc 36 40 52 mA Supply Current ( DS3 ) Icc 40 41 43 mA Supply Current ( STS-1) Icc TBD Input Leakage Current(except Input pins with Pull-up resistor. IL ± 10 µA Input Capacitance CI 5.0 pF Output Load Capacitance CL 25 pF DC Electrical Characteristics (TA = 25 0C, VDD = 5.0 V ± 5 % unless otherwise specified) PARAMETER SYMBOL MIN TYP MAX UNITS Power Supply Voltage VDD 4.75 5.0 5.25 V Input High Voltage VIH 2.0 5.25 V Input Low Voltage VIL -0.5 0.8 V Output High Voltage @ IOH=-5mA VOH 2.4 V Output Low Voltage @ IOL=5mA VOL 0.4 V Supply Current ( E3) Icc 36 40 52 mA Supply Current ( DS3 ) Icc 40 41 43 mA Supply Current ( STS-1) Icc TBD Input Leakage Current(except Input pins with Pull-up resistor. IL ± 10 µA Input Capacitance CI 5.0 pF Output Load Capacitance CL 25 pF ABSOLUTE MAXIMUM RATINGS: Supply Range -0.5 V to + 6.0 V ESD Rating > 2000 V on all pins Operating Temperature -400C to +850C Storage Temperature -65 °C to + 150°C |
Similar Part No. - XRT71D00IQ |
|
Similar Description - XRT71D00IQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |