Electronic Components Datasheet Search |
|
CC0402DCNPO9BN121 Datasheet(PDF) 2 Page - YAGEO Corporation |
|
CC0402DCNPO9BN121 Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 14 page www.yageo.com Nov. 24, 2016 V.15 Surface-Mount Ceramic Multilayer Capacitors 2 14 Product specification General Purpose 16 V to 50 V NP0 SCOPE This specification describes NP0 series chip capacitors with lead- free terminations. APPLICATIONS Consumer electronics for example - Tuners - Television receivers - All types of cameras Telecommunications Data processing FEATURES Supplied in tape on reel Nickel-barrier end termination RoHS compliant Halogen Free compliant ORDERING INFORMATION - GLOBAL PART NUMBER, PHYCOMP CTC & 12NC All part numbers are identified by the series, size, tolerance, TC material, packing style, voltage, process code, termination and capacitance value. Y YA AG GE EO O B BR RA AN ND D o orrd deerriin ngg cco od dee GLOBAL PART NUMBER (PREFERRED) CC XXXX X X NPO X BN XXX (1) (2) (3) (4) (5) (1) SIZE – INCH BASED (METRIC) 0201 (0603) 0402 (1005) 0603 (1608) 0805 (2012) 1206 (3216) 1210 (3225) 1812 (4532) (2) TOLERANCE B = ± 0.1 pF C = ± 0.25 pF D = ± 0.5 pF F = ± 1% G = ± 2% J = ± 5% K = ± 10% (3) PACKING STYLE R = Paper/PE taping reel; Reel 7 inch K = Blister taping reel; Reel 7 inch P = Paper/PE taping reel; Reel 13 inch F = Blister taping reel; Reel 13 inch C = Bulk case (4) RATED VOLTAGE 7 = 16 V 8 = 25 V 9 = 50 V (5) CAPACITANCE VALUE 2 significant digits+number of zeros The 3rd digit signifies the multiplying factor, and letter R is decimal point Example: 121 = 12 x 101 = 120 pF |
Similar Part No. - CC0402DCNPO9BN121 |
|
Similar Description - CC0402DCNPO9BN121 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |