Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDC2112YFDT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LDC2112YFDT
Description  Inductive Touch Solution for Low-Power HMI Button Applications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LDC2112YFDT Datasheet(HTML) 9 Page - Texas Instruments

Back Button LDC2112YFDT Datasheet HTML 5Page - Texas Instruments LDC2112YFDT Datasheet HTML 6Page - Texas Instruments LDC2112YFDT Datasheet HTML 7Page - Texas Instruments LDC2112YFDT Datasheet HTML 8Page - Texas Instruments LDC2112YFDT Datasheet HTML 9Page - Texas Instruments LDC2112YFDT Datasheet HTML 10Page - Texas Instruments LDC2112YFDT Datasheet HTML 11Page - Texas Instruments LDC2112YFDT Datasheet HTML 12Page - Texas Instruments LDC2112YFDT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
VDD (V)
1.7
1.75
1.8
1.85
1.9
3
4
5
6
7
8
9
D006
-40qC
-25qC
0qC
25qC
85°C
Percentage Offset ( )
0
50
100
150
200
250
300
350
400
450
-12 -11 -10 -9 -8 -7 -6 -5 -4 -3 -2 -1 0
1
2
3
4
D007
9
LDC2112, LDC2114
www.ti.com
SNOSD15B – DECEMBER 2016 – REVISED APRIL 2017
Product Folder Links: LDC2112 LDC2114
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
One channel enabled with a button sampling window of 1 ms unless specified otherwise.
Figure 8. Standby Current vs VDD
Figure 9. Scan Rate Distribution at 30 °C


Similar Part No. - LDC2112YFDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC2112YFDT TI1-LDC2112YFDT Datasheet
885Kb / 49P
[Old version datasheet]   Inductive Touch Solution for Low-Power HMI and Button Applications
More results

Similar Description - LDC2112YFDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LDC2112 TI1-LDC2112 Datasheet
885Kb / 49P
[Old version datasheet]   Inductive Touch Solution for Low-Power HMI and Button Applications
logo
3M Electronics
SCT3250EX 3M-SCT3250EX Datasheet
274Kb / 2P
   The Clear Solution for Demanding Touch Applications
logo
List of Unclassifed Man...
CSR8670 ETC1-CSR8670 Datasheet
683Kb / 2P
   Low-power Solution for DSP Intensive Audio Applications
logo
AAEON Technology
AHP-1083 AAEON-AHP-1083_15 Datasheet
293Kb / 2P
   SVGA HMI Touch Panel Computer
logo
STMicroelectronics
EVALSP320SHMI STMICROELECTRONICS-EVALSP320SHMI Datasheet
132Kb / 3P
   SPEAr320S expansion board for HMI applications
logo
Advanced Analogic Techn...
AAT2554 ANALOGICTECH-AAT2554 Datasheet
1Mb / 33P
   Total Power Solution for Portable Applications
logo
Skyworks Solutions Inc.
AAT2550 SKYWORKS-AAT2550 Datasheet
2Mb / 34P
   Total Power Solution for Portable Applications
AAT2554 SKYWORKS-AAT2554 Datasheet
2Mb / 31P
   Total Power Solution for Portable Applications
AAT2601 SKYWORKS-AAT2601 Datasheet
4Mb / 38P
   Total Power Solution for Portable Applications
logo
Advanced Analogic Techn...
AAT2601 ANALOGICTECH-AAT2601 Datasheet
1Mb / 38P
   Total Power Solution for Portable Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com