Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMT01ELPGQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMT01ELPGQ1
Description  Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMT01ELPGQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMT01ELPGQ1 Datasheet HTML 4Page - Texas Instruments LMT01ELPGQ1 Datasheet HTML 5Page - Texas Instruments LMT01ELPGQ1 Datasheet HTML 6Page - Texas Instruments LMT01ELPGQ1 Datasheet HTML 7Page - Texas Instruments LMT01ELPGQ1 Datasheet HTML 8Page - Texas Instruments LMT01ELPGQ1 Datasheet HTML 9Page - Texas Instruments LMT01ELPGQ1 Datasheet HTML 10Page - Texas Instruments LMT01ELPGQ1 Datasheet HTML 11Page - Texas Instruments LMT01ELPGQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Power
Output
Current
Power Off
34µA
125µA
tCONV
tDATA
tR
tF
1/fP
8
LMT01-Q1
SNIS192A – NOVEMBER 2016 – REVISED APRIL 2017
www.ti.com
Product Folder Links: LMT01-Q1
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
Conversion time includes power up time or device turn on time that is typically 3 ms after POR threshold of 1.2V is exceeded.
6.9 Switching Characteristics
Over operating free-air temperature range and operating VP-VN range (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
tR, tF
Output current rise and fall
time
CL=10 pF, RL=8 k
1.45
µs
fP
Output current pulse
frequency
82
88
94
kHz
Output current duty cycle
40%
50%
60%
tCONV
Temperature conversion
time(1)
2.15 V to 5.5 V
46
50
54
ms
tDATA
Data transmission time
44
47
50
ms
6.10 Timing Specification Waveform


Similar Part No. - LMT01ELPGQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT01ELPGQ1 TI1-LMT01ELPGQ1 Datasheet
1,017Kb / 28P
[Old version datasheet]    Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
More results

Similar Description - LMT01ELPGQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMT01-Q1 TI1-LMT01-Q1 Datasheet
1,017Kb / 28P
[Old version datasheet]    Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI1-LMT01_17 Datasheet
1Mb / 39P
[Old version datasheet]   Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
LMT01 TI-LMT01 Datasheet
974Kb / 27P
[Old version datasheet]   0.5째C Accurate 2-Pin Digital Output Temperature Sensor with Pulse Count Interface
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
logo
Analog Devices
ADT7318ARQZ AD-ADT7318ARQZ Datasheet
3Mb / 44P
   Accurate Digital Temperature Sensor
REV. B
logo
Texas Instruments
TMP121AIDBVTG4 TI-TMP121AIDBVTG4 Datasheet
734Kb / 18P
[Old version datasheet]   1.5 C Accurate Digital Temperature Sensor with SPI田?Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com