Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC382TDKTTT-2 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UC382TDKTTT-2
Description  FAST LDO LINEAR REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC382TDKTTT-2 Datasheet(HTML) 4 Page - Texas Instruments

  UC382TDKTTT-2 Datasheet HTML 1Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 2Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 3Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 4Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 5Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 6Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 7Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 8Page - Texas Instruments UC382TDKTTT-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
UC2821, UC2822, UC2823, UC282ADJ, UC3821, UC3822, UC3823, UC382ADJ
FAST LDO LINEAR REGULATOR
SLUS317B − JANUARY 2000 − REVISED FEBRUARY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TA = −40°C to 100°C for the UC282-X series and 0°C to 100°C for the
UC382-X, VB = 5 V, VIN = 3.3 V, VOUT = 2.5 V for the UC382-ADJ, TA = TJ, (unless otherwise stated)
UC382-ADJ adjustable, 3-A family
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ADJ voltage (IVOUT = 100 mA)
UC382-ADJ
1.188
1.200
1.212
V
ADJ voltage (IVOUT = 100 mA)
UC282-ADJ
1.176
1.200
1.212
V
Load regulation
IVOUT = 10 mA to 3 A
0.5
4
mV
VIN PSSR
VOUT programmed for 2.5 V
80
100
dB
VB PSSR
VOUT programmed for 2.5 V
50
60
dB
IVOUT = 3 A,
TJ = 25°C
350
425
mV
VIN dropout voltage = VIN−VOUT
IVOUT = 3 A,
UC382-ADJ
350
450
mV
VIN dropout voltage = VIN−VOUT
IVOUT = 3 A,
UC282-ADJ
350
500
mV
VB dropout = VB−VOUT
IVOUT = 3 A,
UC382-ADJ
1.8
2.10
V
VB dropout = VB−VOUT
IVOUT = 3 A,
UC282-ADJ
1.8
2.20
V
Short circuit current limit
3.3
4.5
A
VB current
IVOUT = 10 mA
6
11
mA
VB current
IVOUT = 3 A
18
60
mA
VIN current
IVOUT = 3 A
2.94
2.97
A
pin descriptions
ADJ: In the adjustable version, the user programs the output voltage with two external resistors. The resistors
should be 0.1% for high accuracy. The output amplifier is configured as a non-inverting-operational amplifier.
The resistors should meet the criteria of R3 || R4 < 100
Ω. Connect ADJ to VOUT for an output voltage of 1.2 V.
Note that the point at which the feedback network is connected to the output is the Kelvin sense point. For -1,
-2, and -3 versions, ADJ pin is tied to VOUT to obtain specified output voltage.
GND: For accurate results, the GND pin should be referenced to the load ground.
VB: Supplies power to all circuits of the regulator except the collector of the output-power transistor. The 2-V
headroom from VB to VOUT allows the use of a Darlington output stage for inherently-low-output impedance
and fast response. (Dropout is derated for junction temperatures below 0
°C.)
VIN: Supplies the current to the collector of the output-power transistor only. The dropout (VIN−VOUT) is under
100 mV for light loads; maximum dropout is 450 mV at 3 A for TJ = 0°C to 100°C. (Dropout is derated for junction
temperatures over 100
°C.) At full load, the majority of the VB current is going to the load.
VOUT: This pin should be connected to the load via a low impedance path. Avoid connectors which add
significant inductance and resistance. Note that even though a Kelvin sense is available through a 5-pin
package, care must be taken since voltage drops along wire traces add to the dropout voltage.


Similar Part No. - UC382TDKTTT-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC382TDKTTT-2 TI1-UC382TDKTTT-2 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC382TDKTTT-2 TI1-UC382TDKTTT-2 Datasheet
890Kb / 18P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC382TDKTTT-2G3 TI1-UC382TDKTTT-2G3 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
More results

Similar Description - UC382TDKTTT-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC282-1 TI1-UC282-1_16 Datasheet
869Kb / 16P
[Old version datasheet]   Fast LDO LINEAR REGULATOR
UC282-1 TI1-UC282-1_11 Datasheet
604Kb / 19P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
UC182 TI-UC182 Datasheet
184Kb / 6P
[Old version datasheet]   Fast LDO Linear Regulator
UC282-1 TI1-UC282-1_17 Datasheet
890Kb / 18P
[Old version datasheet]   FAST LDO LINEAR REGULATOR
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3200 AAT-AAT3200 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com