Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF04UA2DFH Datasheet(PDF) 1 Page - Rohm

Part # RF04UA2DFH
Description  Super Fast Recovery Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF04UA2DFH Datasheet(HTML) 1 Page - Rohm

  RF04UA2DFH Datasheet HTML 1Page - Rohm RF04UA2DFH Datasheet HTML 2Page - Rohm RF04UA2DFH Datasheet HTML 3Page - Rohm RF04UA2DFH Datasheet HTML 4Page - Rohm RF04UA2DFH Datasheet HTML 5Page - Rohm RF04UA2DFH Datasheet HTML 6Page - Rohm RF04UA2DFH Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Super Fast Recovery Diode
RF04UA2DFH
Series
Dimensions(Unit : mm)
Land size figure (Unit : mm)
Standard Fast Recovery
Applications
High frequency rectification
Features
Structure
Taping dimensions(Unit : mm)
Absolute maximum ratings (Ta=25C)
Symbol
VRM
VR
Tj
Tstg
(* Standard of per diode)
Electrical characteristics(Tj=25C)
Symbol
Unit
Forward voltage
VF
V
Reverse current
IR
A
Reverse recovery time
trr
ns
Parameter
Storage temperature
-40 to +150
C
A
one cycle peak value, Tj=25
C
Junction temperature
150
C
Forward current surge peak
IFSM
60Hz half sin wave, Non-repetitive
1
0.4
A
60Hz half sin wave,resistive load
Tc=130
C
Average rectified forward current
Io/2
Glass epoxy substrate mounted
Ta=25
C
Reverse voltage
Direct voltage
200
V
Limits
Unit
Repetitive peak Reverse voltage
200
V
Parameter
Conditions
10
IF=0.5A,IR=1A,Irr=0.25×IR
11
25
VR=200V
0.01
Max.
IF=0.2A
0.86
0.98
Conditions
Min.
Typ.
2)High reliability
Construction
Silicon epitaxial planer
1)Surface mounting type (TSMD6)
TSMD6
0.8
0.45 0.35
1.9
0.7
0.95
0.45
0.35
0.95
1.1±0.08
0.3±0.1
3.2±0.08
4.0±0.1
4.0±0.1
2.0±0.05
φ1.55±0.1
      0
φ1.1±0.1
(1)
(2)
(3)
(6)
(5)
(4)
1/3
2011.05 - Rev.A
AEC-Q101 Qualified


Similar Part No. - RF04UA2DFH

ManufacturerPart #DatasheetDescription
logo
Rohm
RF04UA2D ROHM-RF04UA2D Datasheet
316Kb / 4P
   Super Fast Recovery Diode
RF04UA2D ROHM-RF04UA2D Datasheet
1Mb / 4P
   Super Fast Recovery Diode
RF04UA2D ROHM-RF04UA2D_11 Datasheet
1Mb / 4P
   Super Fast Recovery Diode
More results

Similar Description - RF04UA2DFH

ManufacturerPart #DatasheetDescription
logo
Rohm
RF2L6S ROHM-RF2L6S Datasheet
318Kb / 3P
   Super Fast Recovery Diode
RF505B6S ROHM-RF505B6S Datasheet
447Kb / 4P
   Super Fast Recovery Diode
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
   Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
   Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
   Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
   Super Fast Recovery Diode
RFU20TM5S ROHM-RFU20TM5S Datasheet
303Kb / 4P
   Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
   Super Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com