Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4638DY Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI4638DY
Description  N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4638DY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4638DY Datasheet HTML 1Page - Vishay Siliconix SI4638DY Datasheet HTML 2Page - Vishay Siliconix SI4638DY Datasheet HTML 3Page - Vishay Siliconix SI4638DY Datasheet HTML 4Page - Vishay Siliconix SI4638DY Datasheet HTML 5Page - Vishay Siliconix SI4638DY Datasheet HTML 6Page - Vishay Siliconix SI4638DY Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Vishay Siliconix
Si4638DY
New Product
Document Number: 68745
S09-0764-Rev. B, 04-May-09
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET with Schottky Diode
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
SkyFET® Monolithic TrenchFET® Power
MOSFET and Schottky Diode
100 % Rg Tested
100 % UIS Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Notebook System Power
DC/DC Conversion
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
a
Qg (Typ.)
30
0.0065 at VGS = 10 V
22.4
27.5 nC
0.008 at VGS = 4.5 V
20.2
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
Ordering Information: Si4638DY-T1-E3 (Lead (Pb)-free)
Si4638DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
S
D
Schottky Diode
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 85 °C/W.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
22.4
A
TC = 70 °C
18
TA = 25 °C
16b, c
TA = 70 °C
12.7b, c
Pulsed Drain Current
IDM
70
Continuous Source-Drain Diode Current
TC = 25 °C
IS
5.3
TA = 25 °C
2.7b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
30
Single Pulse Avalanche Energy
EAS
45
mJ
Maximum Power Dissipation
TC = 25 °C
PD
5.9
W
TC = 70 °C
3.8
TA = 25 °C
3b, c
TA = 70 °C
1.9b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
33
42
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
16
21


Similar Part No. - SI4638DY

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si4638-A10-GM SILABS-Si4638-A10-GM Datasheet
225Kb / 2P
   Silicon Labs is updating the Si4682/4/8 data sheets
More results

Similar Description - SI4638DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7160DP VISHAY-SI7160DP Datasheet
109Kb / 7P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 16-Feb-09
SI4646DY VISHAY-SI4646DY Datasheet
210Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 18-May-09
SIE726DF VISHAY-SIE726DF Datasheet
210Kb / 10P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 13-Jul-09
logo
Unisonic Technologies
UT4810D UTC-UT4810D Datasheet
201Kb / 5P
   N-CHANNEL 30-V (D-S) MOSFET WITH SCHOTTKY DIODE
logo
Vishay Siliconix
SI4810DY VISHAY-SI4810DY Datasheet
43Kb / 5P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. F, 26-May-03
SI7720DN VISHAY-SI7720DN Datasheet
552Kb / 14P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 04-Aug-08
SI4812BDY-E3 VISHAY-SI4812BDY-E3 Datasheet
254Kb / 9P
   N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-08
logo
Vishay Telefunken
SIS782DN TFUNK-SIS782DN Datasheet
560Kb / 14P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
SI7748DP TFUNK-SI7748DP Datasheet
385Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
logo
Vishay Siliconix
SIS782DN VISHAY-SIS782DN_V01 Datasheet
594Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIS780DN VISHAY-SIS780DN_V01 Datasheet
592Kb / 13P
   N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com