Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1206KFX5R7BB103 Datasheet(PDF) 6 Page - YAGEO Corporation

Part # CC1206KFX5R7BB103
Description  SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1206KFX5R7BB103 Datasheet(HTML) 6 Page - YAGEO Corporation

Back Button CC1206KFX5R7BB103 Datasheet HTML 2Page - YAGEO Corporation CC1206KFX5R7BB103 Datasheet HTML 3Page - YAGEO Corporation CC1206KFX5R7BB103 Datasheet HTML 4Page - YAGEO Corporation CC1206KFX5R7BB103 Datasheet HTML 5Page - YAGEO Corporation CC1206KFX5R7BB103 Datasheet HTML 6Page - YAGEO Corporation CC1206KFX5R7BB103 Datasheet HTML 7Page - YAGEO Corporation CC1206KFX5R7BB103 Datasheet HTML 8Page - YAGEO Corporation CC1206KFX5R7BB103 Datasheet HTML 9Page - YAGEO Corporation CC1206KFX5R7BB103 Datasheet HTML 10Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.yageo.com
Jan. 12, 2017 V.23
General Purpose & High Cap.
4 V to 50 V
Surface Mount Multilayer Ceramic Capacitors
6
18
Product specification
X5R
Table 4 Sizes from 1206 to 1210
CAP.
1206
1210
4 V
6.3 V
10 V
16 V
25 V
50V
6.3 V
10 V
16 V
25 V
50V
10 nF
15 nF
22 nF
33 nF
47nF
68 nF
100 nF
150 nF
220 nF
330 nF
470 nF
680 nF
1.0 µF
FA
FA
FA
FA
FC
GA
GA
GA
GA
GA
2.2 µF
FA
FA
FA
FA
FC
GB
GB
GB
GB
GB
4.7 µF
FC
FC
FC
FC
FC
GB
GB
GB
GB
GC
10 µF
FC
FC
FC
FC
FD
GB
GB
GB
GB
GC
22 µF
FC
FC
FC
FD
GC
GC
GC
GD
47 µF
FC
FC
FD
GC
GC
GC
100 µF
FD
GD
GD
GD
220 µF
FD
GD
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-6 series is available on request


Similar Part No. - CC1206KFX5R7BB103

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1206KFX5R7BB YAGEO-CC1206KFX5R7BB Datasheet
1Mb / 18P
   SURFACE MOUNT MULTILAYER CERAMIC CAPACITORS
More results

Similar Description - CC1206KFX5R7BB103

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com