Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63024KUFLN Datasheet(PDF) 2 Page - MTRONPTI

Part # M63024KUFLN
Description  5x7 mm, 1.8/2.5/3.3 V, LVPECL/LVDS/CML/CMOS, TCXO/TCVCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M63024KUFLN Datasheet(HTML) 2 Page - MTRONPTI

  M63024KUFLN Datasheet HTML 1Page - MTRONPTI M63024KUFLN Datasheet HTML 2Page - MTRONPTI M63024KUFLN Datasheet HTML 3Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
M630x Series
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/CMOS, TCXO/TCVCXO
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions/Notes
Frequency Range
FR
50
1400
MHz
LVPECL, LVDS, CML (See Note 1)
50
135
MHz
CMOS
Initial Accuracy
FI
-1
+1
ppm
@ +25 °C
Frequency Stability
FT/F
ppm
(Fmax - Fmin)/2 (See Note 2)
Frequency Vs. Aging
FTIME/F
-3
+3
ppm
First year
-1
+1
ppm
Thereafter (per year)
Frequency Vs. Supply Voltage
FVDD/F
±0.40
ppm
5% voltage variation
Frequency Vs. Reflow
±0.75
ppm
2 reflows max.
Frequency Vs. Load
FLOAD/F
±0.20
ppm
5% supply voltage variation
Operating Temperature
TA
°C
Storage Temperature
TSTG
-55
+125
°C
Operating Voltage
VCC/VS/VDD
3.135
3.3
3.465
V
M6300
2.375
2.5
2.625
V
M6301
1.71
1.8
1.89
V
M6302
Operating Current
ICC
125
mA
LVPECL
100
mA
LVDS
110
mA
CML
90
mA
CMOS
Rise/Fall Time
tR/tF
0.35
ns
LVPECL, LVDS, CML
6
ns
CMOS
Logic “1” Level
VOH
VCC - 1.02
V
LVPECL
90
% VDD CMOS
Logic “0” Level
VOL
VCC - 1.63
V
LVPECL
10
% VDD CMOS
Common Mode Output Voltage
VCM
1.2
V
LVDS
Symmetry (Duty Cycle)
tDC
45
55
%
@ 50% VDD (CMOS)
45
55
%
@ 50% of waveform (LVPECL)
45
55
%
@ 1.25 V (LVDS)
Output Voltage Level
0.7
0.95
1.2
Vpk-pk CML
Tuning Range
±5
ppm
VCTCXO only (See Note 3)
Voltage Control Range
VC
0.18
0.90
1.62
V
@ 1.8 V supply (VCTCXO only - Pad 2)
0.25
1.25
2.25
V
@ 2.5 V supply (VCTCXO only - Pad 2)
0.30
1.65
3.00
V
@ 3.3 V supply (VCTCXO only - Pad 2)
Output Skew
20
ps
LVPECL
15
ps
CML
20
ps
LVDS
Output Load
LVPECL (See Note 4)
LVDS, CML (See Note 4)
CMOS (See Note 4)
Enable/Disable Function
80
%
Output Enabled
(Option B or G)
0.5
V
Output Disabled
Enable/Disable Function
0.5
V
Output Enabled
(Option S or M)
80
%
Output Disabled
Phase Noise (Typical)
10 Hz
100 Hz
1 kHz
10 kHz
100 kHz Offset from carrier
@ 622.080 MHz (LVPECL)
-60
-90
-120
-127
-133
dBc/Hz
@ 100.000 MHz (HCMOS)
-70
-103
-123
-131
-136
dBc/Hz
@ 50.000 MHZ (HCMOS)
-77
-109
-129
-137
-141
dBc/Hz
Shock
Vibration
Solderability
Hermeticity
Thermal Shock
Thermal Cycle
Note 4: Refer to the load circuit diagram in this data sheet.
1 X 10-8 atm cc/sec of helium (Crystal only)
Per MIL-STD-883, Method 1011, Condition A
Per MIL-STD-883, Method 1010, Condition B
Per MIL-STD-202, Methods 201 & 204
Per EIAJ-STD-002
Per MIL-STD-202, Method 213, Condition C
See Ordering Information
Note 1: Contact factory for frequencies over 945 MHz.
Note 2: Contact factory for less than ±1 ppm frequency stability.
Note 3: Contact factory for other tuning range options.
VDC 100 Ω Differential
15 pF
See Ordering Information
50 Ω to (VCC - 2)


Similar Part No. - M63024KUFLN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M63024FP RENESAS-M63024FP Datasheet
6Mb / 18P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
More results

Similar Description - M63024KUFLN

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M310X MTRONPTI-M310X_08 Datasheet
755Kb / 7P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
M210X MTRONPTI-M210X Datasheet
347Kb / 2P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M31X MTRONPTI-M31X Datasheet
373Kb / 3P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M210X MTRONPTI-M210X_07 Datasheet
367Kb / 3P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M21X MTRONPTI-M21X Datasheet
380Kb / 3P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M210X MTRONPTI-M210X_08 Datasheet
761Kb / 7P
   5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M310X MTRONPTI-M310X Datasheet
338Kb / 2P
   5x7 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
M310X_0611 MTRONPTI-M310X_0611 Datasheet
357Kb / 3P
   5x7 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
M31 MTRONPTI-M31_08 Datasheet
878Kb / 7P
   Multiple Frequency VCXO 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M320X MTRONPTI-M320X_08 Datasheet
698Kb / 7P
   9x14 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, VCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com