Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS27C128-12FML4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS27C128-12FML4
Description  131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C128-12FML4 Datasheet(HTML) 4 Page - Texas Instruments

  TMS27C128-12FML4 Datasheet HTML 1Page - Texas Instruments TMS27C128-12FML4 Datasheet HTML 2Page - Texas Instruments TMS27C128-12FML4 Datasheet HTML 3Page - Texas Instruments TMS27C128-12FML4 Datasheet HTML 4Page - Texas Instruments TMS27C128-12FML4 Datasheet HTML 5Page - Texas Instruments TMS27C128-12FML4 Datasheet HTML 6Page - Texas Instruments TMS27C128-12FML4 Datasheet HTML 7Page - Texas Instruments TMS27C128-12FML4 Datasheet HTML 8Page - Texas Instruments TMS27C128-12FML4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27PC128 131 072-BIT PROGRAMMABLE READ-ONLY MEMORY
SMLS128E–OCTOBER 1984–REVISED JANUARY 1993
POST OFFICE BOX 1443
HOUSTON, TEXAS
77251–1443
4
read/output disable
When the outputs of two or more TMS27C128s or TMS27PC128s are connected in parallel on the same bus,
the output of any particular device in the circuit can be read with no interference from the competing outputs
of the other devices. To read the output of a single device, a low-level signal is applied to the E and G pins.
All other devices in the circuit should have their outputs disabled by applying a high-level signal to one of these
pins. Output data is accessed at pins DQ0 through DQ7.
latchup immunity
Latchup immunity on the TMS27C128 and TMS27PC128 is a minimum of 250 mA on all inputs and outputs.
This feature provides latchup immunity beyond any potential transients at the P.C. board level when the devices
are interfaced to industry-standard TTL or MOS logic devices. Input/output layout approach controls latchup
without compromising performance or packing density.
power down
Active ICC supply current can be reduced from 30 mA to 500 µA (TTL-level inputs) or 250 µA (CMOS-level inputs)
by applying a high TTL or CMOS signal to the E pin. In this mode all outputs are in the high-impedance state.
erasure (TMS27C128)
Before programming, the TMS27C128 EPROM is erased by exposing the chip through the transparent lid to
a high intensity ultraviolet light (wavelength 2537 Å). EPROM erasure before programming is necessary to
assure that all bits are at the logic high level. Logic lows are programmed into the desired locations. A
programmed logic low can be erased only by ultraviolet light. The recommended minimum ultraviolet light
exposure dose (UV intensity
× exposure time) is 15-W⋅s/cm2. A typical 12-mW/cm2, filterless UV lamp will
erase the device in 21 minutes. The lamp should be located about 2.5 cm above the chip during erasure. It
should be noted that normal ambient light contains the correct wavelength for erasure. Therefore, when
using the TMS27C128, the window should be covered with an opaque label.
initializing (TMS27PC128)
The one-time programmable TMS27PC128 PROM is provided with all bits at the logic high level. The logic lows
are programmed into the desired locations. Logic lows programmed into a PROM cannot be erased.
SNAP! Pulse programming
The 128K EPROM and PROM are programmed using the TI SNAP! Pulse programming algorithm, illustrated
by the flowchart in Figure 1, which programs in a nominal time of two seconds. Actual programming time will
vary as a function of the programmer used.
Data is presented in parallel (eight bits) on pins DQ0 to DQ7. Once addresses and data are stable, PGM is
pulsed.
The SNAP! Pulse programming algorithm uses initial pulses of 100 microseconds (
µs) followed by a byte
verification to determine when the addressed byte has been successfully programmed. Up to 10 (ten) 100-
µs
pulses per byte are provided before a failure is recognized.
The programming mode is achieved when VPP = 13 V, VCC = 6.5 V, G = VIH, and E = VIL. More than
one device can be programmed when the devices are connected in parallel. Locations can be
programmed in any order. When the SNAP! Pulse programming routine is complete, all bits are verified
with VCC = VPP = 5 V.
program inhibit
Programming may be inhibited by maintaining a high level input on the E or PGM pin.


Similar Part No. - TMS27C128-12FML4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C128-120JL TI1-TMS27C128-120JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
More results

Similar Description - TMS27C128-12FML4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
[Old version datasheet]   TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
[Old version datasheet]   072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
   UV Erasable Programmable Read-Only Memory
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
   UV Erasable Programmable Read-Only Memory
logo
Fujitsu Component Limit...
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
   UV ERASABLE 65536-BIT READ ONLY MEMORY
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
   UV ERASABLE 8192-BIT READ ONLY MEMORY
MBM2716 FUJITSU-MBM2716 Datasheet
384Kb / 5P
   UV ERASABLE 16,384-BIT READ ONLY MEMORY
logo
Austin Semiconductor
AS27C256 AUSTIN-AS27C256 Datasheet
292Kb / 13P
   256K UVEPROM UV Erasable Programmable Read-Only Memory
logo
Fujitsu Component Limit...
MBM27C1028-15 FUJITSU-MBM27C1028-15 Datasheet
487Kb / 12P
   CMOS 1048576 BIT UV ERASABLE READ ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com