Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF1001T2D Datasheet(PDF) 1 Page - Rohm

Part # RF1001T2D
Description  Fast recovery diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RF1001T2D Datasheet(HTML) 1 Page - Rohm

  RF1001T2D Datasheet HTML 1Page - Rohm RF1001T2D Datasheet HTML 2Page - Rohm RF1001T2D Datasheet HTML 3Page - Rohm RF1001T2D Datasheet HTML 4Page - Rohm RF1001T2D Datasheet HTML 5Page - Rohm RF1001T2D Datasheet HTML 6Page - Rohm RF1001T2D Datasheet HTML 7Page - Rohm RF1001T2D Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Datasheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Fast recovery diodes
RF1001T2D
Applications
Dimensions (Unit : mm)
Structure
General rectification
Features
1) Cathode common type.
(TO-220)
2) Ultra Low VF
3) Very fast recovery
4) Low switching loss
Construction
Silicon epitaxial planar
Absolute maximum ratings (Ta=25
C)
Symbol
Unit
VRM
V
VR
V
Io
A
IFSM
A
Tj
C
Tstg
C
Electrical characteristic (Ta=25
C)
Symbol
Min.
Typ.
Max.
Unit
VF
-
0.87
0.93
V
IF=5A
Reverse current
IR
-0.01
10
μA
VR=200V
Reverse recovery time
trr
-
15
30
ns
IF=0.5A, IR=1A, Irr=0.25*IR
Thermal impedance
Rth(j-c)
--
2.5
C/W
JUNCTION TO CASE
Forward voltage
Parameter
Limits
Reverse voltage (repetitive peak)
200
Reverse voltage (DC)
200
Average rectified forward current (*1)
10
Forward current surge peak (60Hz/1cyc)
Conditions
(*1)Business frequencies, Rating of R-load, Tc=126
C. 1/2 Io per diode
Parameter
80
Junction temperature
150
Storage temoerature
55 to 150
(1) (2) (3)
ROHM : TO220FN
Manufacture Date
1.2
1.3
0.8
(1) (2) (3)
10.0
±0.3
0.1
2.8
±0.2
0.1
4.5
±0.3
0.1
0.7
±0.1
0.05
2.6
±0.5
1/4
2012.12 - Rev.E


Similar Part No. - RF1001T2D

ManufacturerPart #DatasheetDescription
logo
Rohm
RF1001T2D ROHM-RF1001T2D Datasheet
47Kb / 3P
   Fast recovery Diodes (Silicon Epitaxial Planar)
RF1001T2D ROHM-RF1001T2D Datasheet
178Kb / 4P
   Fast recovery diodes
RF1001T2D ROHM-RF1001T2D Datasheet
306Kb / 4P
   Fast recovery diodes
RF1001T2D ROHM-RF1001T2D Datasheet
1,001Kb / 4P
   Fast recovery diodes
RF1001T2DFH ROHM-RF1001T2DFH Datasheet
1Mb / 8P
   Fast recovery diodes
More results

Similar Description - RF1001T2D

ManufacturerPart #DatasheetDescription
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
logo
International Rectifier
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
logo
Rohm
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com