Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7196DP Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI7196DP
Description  N-Channel 30-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7196DP Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SI7196DP Datasheet HTML 2Page - Vishay Siliconix SI7196DP Datasheet HTML 3Page - Vishay Siliconix SI7196DP Datasheet HTML 4Page - Vishay Siliconix SI7196DP Datasheet HTML 5Page - Vishay Siliconix SI7196DP Datasheet HTML 6Page - Vishay Siliconix SI7196DP Datasheet HTML 7Page - Vishay Siliconix SI7196DP Datasheet HTML 8Page - Vishay Siliconix SI7196DP Datasheet HTML 9Page - Vishay Siliconix SI7196DP Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Vishay Siliconix
Si7196DP
www.vishay.com
6
Document Number: 70336
S09-0273-Rev. C, 16-Feb-09
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?70336.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
1
10
1000
10-1
10-4
100
0.2
0.1
0.05
0.02
1
0.1
0.01
Single Pulse
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 70 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
4. Surface Mounted
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
Normalized Thermal Transient Impedance, Junction-to-Case
1
0.1
0.01
0.2
0.05
Duty Cycle = 0.5
Single Pulse
0.1
10-3
10-2
1
10-1
10-4
0.02
Square Wave Pulse Duration (s)


Similar Part No. - SI7196DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7190ADP VISHAY-SI7190ADP Datasheet
229Kb / 9P
   N-Channel 250 V (D-S) MOSFET
01-Jan-2022
SI7190DP VISHAY-SI7190DP Datasheet
314Kb / 13P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 01-Jun-09
SI7190DP-T1-GE3 VISHAY-SI7190DP-T1-GE3 Datasheet
161Kb / 9P
   N-Channel 250-V (D-S) MOSFET
Rev. B, 01-Jun-09
SI7190DP VISHAY-SI7190DP_V01 Datasheet
313Kb / 13P
   N-Channel 250-V (D-S) MOSFET
01-Jan-2022
SI7192DP VISHAY-SI7192DP Datasheet
141Kb / 7P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 14-Apr-08
More results

Similar Description - SI7196DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com