Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RID-50A Datasheet(PDF) 1 Page - Total Power International

Part # RID-50A
Description  50W Dual Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

RID-50A Datasheet(HTML) 1 Page - Total Power International

  RID-50A Datasheet HTML 1Page - Total Power International RID-50A Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
RID-50A
RID-50B
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
Note.4
LOADREGULATION
Note.5
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
5V
12V
CH2
5V
CH1
24V
CH2
6A
2A
4A
1.4A
0.3~6A
0.3~3A
0.3~6A
0.2~2A
54W
53.6W
80mVp-p
120mVp-p
80mVp-p
150mVp-p
CH1:4.75~5.5V
CH1:4.75~5.5V
2.0%
8.0%
2.0%
0.5%
1.5%
0.5%
1.5%
+8,-4%
0.5%
5.0%
0.5%
5.0%
500ms,20ms/230VAC1200ms,30ms/115VAC atfullload
60ms/230VAC14ms/115VAC atfullload
88~264VAC125~373VDC (Withstand300VACsurgefor5sec.Withoutdamage)
47~63Hz
80%
81%
CH1:5.75~6.75V
1.3A/115VAC0.8A/230VAC
COLDSTART 33A/230VAC
<2mA /240VAC
110~150% ratedoutputpower
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
UL60950-1, TUVEN60950-1approved
CompliancetoEN55022(CISPR22)ClassB
Complianceto EN61000-3-2,-3
-25~+70
(Refertooutputloadderatingcurve)
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)on+5Voutput
10~500Hz,5G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
172.6Khrsmin.MIL-HDBK-217F(25
)
99*97*36mm(L*W*H)
Protectiontype: Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
0.41Kg;45pcs/19.5Kg/0.9CUFT
50WDualOutputSwitchingPowerSupply
Features :
R I D - 5 0 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
ENVIRONMENT
SAFETY &
EMC
(Note6)
PROTECTION
EMICONDUCTION&RADIATION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Line regulation is measured from low line to high line at rated load.
5. Load regulation is measured from 0% to 100% rated load.
6. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN61000-6-2(EN50082-2),heavyindustrylevel,criteria A
Isolated output & GND for CH1,CH2
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
LED indicator for power on
100% full load burn-in test
All using 105
Withstand 300VAC surge input for 5 second
High operating temperature up to 70
Withstand 5G vibration test
High efficiency, long life and high reliability
3 years warranty
long life electrolytic capacitors
CH1
OUTPUTNUMBER
Authorized Distributor: Total Power International, Inc. Toll Free: 877-646-0900(US) PH# (978) 453-7272 www.total-power.com


Similar Part No. - RID-50A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RID-50A MEANWELL-RID-50A Datasheet
414Kb / 2P
   50W Dual Output Switching Power Supply
RID-50A MEANWELL-RID-50A Datasheet
416Kb / 2P
   50W Dual Output Switching Power Supply
RID-50A MEANWELL-RID-50A Datasheet
417Kb / 2P
   50W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RID-50A ASTRODYNE-RID-50A Datasheet
633Kb / 4P
   50W Dual Output Switching Power Supply
More results

Similar Description - RID-50A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RID-50 MEANWELL-RID-50_11 Datasheet
417Kb / 2P
   50W Dual Output Switching Power Supply
D-50 MEANWELL-D-50 Datasheet
391Kb / 2P
   50W Dual Output Switching Power Supply
RD-50 MEANWELL-RD-50 Datasheet
407Kb / 2P
   50W Dual Output Switching Power Supply
NED-50 MEANWELL-NED-50_10 Datasheet
425Kb / 2P
   50W Dual Output Switching Power Supply
NED-50 MEANWELL-NED-50 Datasheet
422Kb / 2P
   50W Dual Output Switching Power Supply
logo
RSG Electronic Componen...
RD-50 RSG-RD-50 Datasheet
180Kb / 2P
   50W Dual Output Switching Power Supply
logo
Mean Well Enterprises C...
RD-50 MEANWELL-RD-50_10 Datasheet
416Kb / 2P
   50W Dual Output Switching Power Supply
NED-50 MEANWELL-NED-50_11 Datasheet
425Kb / 2P
   50W Dual Output Switching Power Supply
logo
Astrodyne Corporation
RD-50 ASTRODYNE-RD-50 Datasheet
485Kb / 2P
   50W Dual Output Switching Power Supply
RID50 ASTRODYNE-RID50 Datasheet
633Kb / 4P
   50W Dual Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com