Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS-15-15 Datasheet(PDF) 2 Page - Total Power International

Part # RS-15-15
Description  15W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

RS-15-15 Datasheet(HTML) 2 Page - Total Power International

  RS-15-15 Datasheet HTML 1Page - Total Power International RS-15-15 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MechanicalSpecification
AMBIENTTEMPERATURE(
)
-20
0
20
10
30
40
20
40
80
60
100
60
50
70
CaseNo.971A
Unit:mm
BlockDiagram
CIRCUIT
DETECTION
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
PWM
fosc:132KHz
TerminalPinNo. Assignment
PinNo.
PinNo.
1
2
4
3
5
Assignment
Assignment
DCOUTPUT -V
DCOUTPUT +V
FG
AC/L
AC/N
OutputDeratingVSInputVoltage
INPUTVOLTAGE(VAC)60Hz
85
100
95
120
115
160
140
200
180
240
220
264
Ta=25
90
100
80
70
60
50
40
(HORIZONTAL)
DeratingCurve
15WSingleOutputSwitchingPowerSupply
R S - 1 5 series
1
2
3
4
5
+V ADJ.
LED
2-M3L=4
13max.
14.65
39.1
11.5
39.1
62.5
2-M3L=6
Authorized Distributor: Total Power International, Inc. Toll Free: 877-646-0900(US) PH# (978) 453-7272 www.total-power.com


Similar Part No. - RS-15-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RS-15-15 MEANWELL-RS-15-15 Datasheet
249Kb / 2P
   15W Single Output Switching Power Supply
RS-15-15 MEANWELL-RS-15-15 Datasheet
259Kb / 2P
   15W Single Output Switching Power Supply
RS-15-15 MEANWELL-RS-15-15 Datasheet
258Kb / 2P
   15W Single Output Switching Power Supply
More results

Similar Description - RS-15-15

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
NES-15 TOTAL-POWER-NES-15 Datasheet
276Kb / 2P
   15W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-15 MEANWELL-RS-15 Datasheet
249Kb / 2P
   15W Single Output Switching Power Supply
NES-15 MEANWELL-NES-15_11 Datasheet
268Kb / 2P
   15W Single Output Switching Power Supply
S-15 MEANWELL-S-15 Datasheet
437Kb / 2P
   15W Single Output Switching Power Supply
RS-15 MEANWELL-RS-15_10 Datasheet
259Kb / 2P
   15W Single Output Switching Power Supply
NES-15 MEANWELL-NES-15 Datasheet
860Kb / 2P
   15W Single Output Switching Power Supply
PS-15 MEANWELL-PS-15_09 Datasheet
285Kb / 2P
   15W Single Output Switching Power Supply
EPS-15 MEANWELL-EPS-15 Datasheet
925Kb / 2P
   15W SINGLE OUTPUT SWITCHING POWER SUPPLY
RS-15 MEANWELL-RS-15_11 Datasheet
258Kb / 2P
   15W Single Output Switching Power Supply
PS-15 MEANWELL-PS-15 Datasheet
282Kb / 2P
   15W Single Output Switching Power Supply
NES-15 MEANWELL-NES-15_10 Datasheet
269Kb / 2P
   15W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com