Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI7788DP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7788DP
Description  N-Channel 30-V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7788DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7788DP Datasheet HTML 1Page - Vishay Siliconix SI7788DP Datasheet HTML 2Page - Vishay Siliconix SI7788DP Datasheet HTML 3Page - Vishay Siliconix SI7788DP Datasheet HTML 4Page - Vishay Siliconix SI7788DP Datasheet HTML 5Page - Vishay Siliconix SI7788DP Datasheet HTML 6Page - Vishay Siliconix SI7788DP Datasheet HTML 7Page - Vishay Siliconix SI7788DP Datasheet HTML 8Page - Vishay Siliconix SI7788DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Vishay Siliconix
Si7788DP
New Product
Document Number: 69976
S-81196-Rev. B, 26-May-08
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free
TrenchFET® Power MOSFET
100 % Rg and UIS Tested
APPLICATIONS
Low-Side DC/DC Conversion
- Notebook
- Gaming
•Vcore
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
a, e
Qg (Typ.)
30
0.0031 at VGS = 10 V
50
37 nC
0.0041 at VGS = 4.5 V
50
Ordering Information: Si7788DP-T1-GE3 (Lead (Pb)-free and Halogen-free)
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK SO-8
Bottom View
N-Channel MOSFET
G
D
S
Notes:
a. Based on TC = 25 °C.
b. Surface Mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under Steady State conditions is 65 °C/W.
e. Package limited.
f. See Solder Profile (http://www.vishay.com/ppg?73257). The PowerPAK SO-8 is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and
is not required to ensure adequate bottom side solder interconnection.
g. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
50e
A
TC = 70 °C
50e
TA = 25 °C
29.5b, c
TA = 70 °C
23.5b, c
Pulsed Drain Current
IDM
70
Continuous Source-Drain Diode Current
TC = 25 °C
IS
50e
TA = 25 °C
4.7b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
40
Avalanche Energy
EAS
80
mJ
Maximum Power Dissipation
TC = 25 °C
PD
69
W
TC = 70 °C
44.4
TA = 25 °C
5.2b, c
TA = 70 °C
3.3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)f, g
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
≤ 10 s
RthJA
19
24
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
1.2
1.8
RoHS
COMPLIANT


Similar Part No. - SI7788DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7784DP VISHAY-SI7784DP Datasheet
315Kb / 13P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 08-Sep-08
More results

Similar Description - SI7788DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com