Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JG0-0031NL Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # JG0-0031NL
Description  1XN, Tab-Up, PoE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

JG0-0031NL Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  JG0-0031NL Datasheet HTML 1Page - Pulse A Technitrol Company JG0-0031NL Datasheet HTML 2Page - Pulse A Technitrol Company JG0-0031NL Datasheet HTML 3Page - Pulse A Technitrol Company JG0-0031NL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
J416.F (08/13)
3
pulseelectronics.com
PulseJack™
1XN, Tab-Up, PoE
JG0-0032NL
Mechanicals
10B
1A
1B
1C
10D
Pin Assignment (Top View)
10A2A10B
10C10D
2D
1D
1C
5C
1B
1A
NOTE: Some pins are removed from component to simplify PCB layout and separation of
Power, Signal and Ground planes.
Signal Pin-out
for Port A
Signal Pin-out
for Port B
Signal Pin-out
for Port C
Signal Pin-out
for Port D
Power Pin-out
for Port A & B
Power Pin-out
for Port C & D
LED Pin-out
for Port B
LED Pin-out
for Port C
LED Pin-out
for Port D
(Yellow- Green/Green)
LED Pin-out
for Port A
(Yellow- Green/Green)


Similar Part No. - JG0-0031NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
JG0-0031NL PULSE-JG0-0031NL Datasheet
181Kb / 3P
   integrated magnetics
More results

Similar Description - JG0-0031NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J410 PULSE-J410 Datasheet
949Kb / 6P
   PulseJack 1xN Tab-Up
J435 PULSE-J435 Datasheet
1Mb / 7P
   1X4 Tab-Up PoE and PoE
logo
VITALCONN ELECTRONICS H...
J11RG1143DPA0 VITALCONN-J11RG1143DPA0 Datasheet
1Mb / 3P
   TAB-UP 1000BASE POE
REV: A
logo
Pulse A Technitrol Comp...
J404 PULSE-J404 Datasheet
1Mb / 6P
   1xN Tab-Down
logo
HALO Electronics, Inc.
HFJT1-1GPRL HALO-HFJT1-1GPRL Datasheet
444Kb / 2P
   1x1 Tab-Up Gigabit PoE and PoE Long Body RJ45
logo
XFMRS Inc.
XFGIG12NPOE-CT1-4L XFMRS-XFGIG12NPOE-CT1-4L Datasheet
93Kb / 2P
   SINGLE PORT COMBO Tab UP GigE POE COMBO
logo
Molex Electronics Ltd.
2084731502 MOLEX-2084731502 Datasheet
2Mb / 9P
   DDQ BIPASS 1XN
2021/03/02
logo
XFMRS Inc.
XFVOIP5YM-CT1-4L XFMRS-XFVOIP5YM-CT1-4L Datasheet
90Kb / 2P
   1.30 INCH TAB UP FOR 10/100 BASE-T POE COMBO
XFATM2ZA-CTXU1-4M XFMRS-XFATM2ZA-CTXU1-4M_15 Datasheet
253Kb / 2P
   TAB UP COMBO
logo
VITALCONN ELECTRONICS H...
J11RG2143N4A1 VITALCONN-J11RG2143N4A1 Datasheet
780Kb / 4P
   IXI PORT 10/100/1000 BASE-T RJ45 TAB UP WITH LED & POE
REV: A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com