Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF4 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF4
Description  MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF4 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button MF4 Datasheet HTML 4Page - National Semiconductor (TI) MF4 Datasheet HTML 5Page - National Semiconductor (TI) MF4 Datasheet HTML 6Page - National Semiconductor (TI) MF4 Datasheet HTML 7Page - National Semiconductor (TI) MF4 Datasheet HTML 8Page - National Semiconductor (TI) MF4 Datasheet HTML 9Page - National Semiconductor (TI) MF4 Datasheet HTML 10Page - National Semiconductor (TI) MF4 Datasheet HTML 11Page - National Semiconductor (TI) MF4 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
1.0 MF4 Application Hints (Continued)
If the MF were set up for a cutoff frequency of 10 kHz the in-
put impedance would be:
In this example with a source impedance of 10K the overall
gain, if the MF4 had an ideal gain of 1 or 0 dB, would be:
Since the maximum overall gain error for the MF4 is
±0.15 dB with R
s ≤ 2kΩ the actual gain error for this case
would be +0.06 dB to −0.24 dB.
1.4 CUTOFF FREQUENCY RANGE
The filter’s cutoff frequency (f
c) has a lower limit due to leak-
age currents through the internal switches draining the
charge stored on the capacitors. At lower clock frequencies
these leakage currents can cause millivolts of error, for ex-
ample:
The propagation delay in the logic and the settling time re-
quired to acquire a new voltage level on the capacitors limit
the filter’s accuracy at high clock frequencies. The amplitude
characteristic on ±5V supplies will typically stay flat until f
CLK
exceeds 750 kHz and then peak at about 0.5 dB at the cor-
ner frequency with a 1 MHz clock. As supply voltage drops to
± 2.5V, a shift in the f
CLK/fc ratio occurs which will become
noticeable when the clock frequency exceeds 250 kHz. The
response of the MF4 is still a good approximation of the ideal
Butterworth low-pass characteristic shown in
Figures 6, 7.
2.0 Designing With The MF4
Given any low-pass filter specification, two equations will
come in handy in trying to determine whether the MF4 will do
the job. The first equation determines the order of the
low-pass filter required to meet a given response specifica-
tion:
(3)
where n is the order of the filter, A
min is the minimum stop-
band attenuation (in dB) desired at frequency f
s, and Amax is
the passband ripple or attenuation (in dB) at cutoff frequency
f
b. If the result of this equation is greater than 4, more than a
single MF4 is required.
The attenuation at any frequency can be found by the follow-
ing equation:
Attn (f) = 10 log [1 + (10
0.1Amax − 1) (f/f
b)
2n] dB
(4)
where n = 4 for the MF4.
2.1 A LOW-PASS DESIGN EXAMPLE
Suppose the amplitude response specification in
Figure 8 is
given. Can the MF4 be used? The order of the Butterworth
approximation will have to be determined using
Equation (1):
Since n can only take on integer values, n = 4. Therefore the
MF4 can be used. In general, if n is 4 or less a single MF4
stage can be utilized.
Likewise, the attenuation at f
s can be found using Equation
(4) with the above values and n = 4:
Attn (2 kHz) = 10 log [1 + 10
0.1 − 1) (2 kHz/1 kHz)8] =
18.28 dB
This result also meets the design specification given in
Fig-
ure 8 again verifying that a single MF4 section will be ad-
equate.
Since the MF4’s cutoff frequency (f
c), which corresponds to
a gain attenuation of −3.01 dB, was not specified in this ex-
ample, it needs to be calculated. Solving
Equation (4) where
f = f
c as follows:
where f
c
= f
CLK/50. To
implement this example for the
MF4-50 the clock frequency will have to be set to f
CLK =
50(1.184 kHz) = 59.2 kHz, or for the MF4-100, f
CLK = 100
(1.184 kHz) = 118.4 kHz.
2.2 CASCADING MF4s
When a steeper stopband attenuation rate is required, two
MF4s can be cascaded (
Figure 9) yielding an 8th order slope
of 48 dB per octave. Because the MF4 is a Butterworth filter
and therefore has no ripple in its passband when MF4s are
cascaded, the resulting filter also has no ripple in its pass-
band. Likewise the DC and passband gains will remain at
1V/V. The resulting response is shown in
Figure 10, Figure
11.
In determining whether the cascaded MF4s will yield a filter
that will meet a particular amplitude response specification,
as above,
Equations (5), (6) can be used, shown below.
(5)
(6)
where n = 4 (the order of each filter).
Equation (5) will determine whether the order of the filter is
adequate (n
≤ 4) while Equation (6) can determine the actual
stopband attenuation and cutoff frequency (f
c) necessary to
obtain the desired frequency response. The design proce-
dure would be identical to the one shown in section 2.0.
www.national.com
8


Similar Part No. - MF4

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MF4001 CYSTEKEC-MF4001 Datasheet
135Kb / 3P
   SURFACE MOUNT DIODES
MF4002 CYSTEKEC-MF4002 Datasheet
135Kb / 3P
   SURFACE MOUNT DIODES
MF4003 CYSTEKEC-MF4003 Datasheet
135Kb / 3P
   SURFACE MOUNT DIODES
MF4004 CYSTEKEC-MF4004 Datasheet
135Kb / 3P
   SURFACE MOUNT DIODES
MF4005 CYSTEKEC-MF4005 Datasheet
135Kb / 3P
   SURFACE MOUNT DIODES
More results

Similar Description - MF4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF6C NSC-MF6C Datasheet
627Kb / 18P
   ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
MF4CN-100 NSC-MF4CN-100 Datasheet
442Kb / 13P
   4TH ORDER SWITCHED CAPACITOR BUTTERWORTH
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
National Semiconductor ...
MF6 NSC-MF6 Datasheet
861Kb / 20P
   6th Order Switched Capacitor Butterworth Lowpass
LMF60 NSC-LMF60 Datasheet
391Kb / 20P
   LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
MF8 NSC-MF8 Datasheet
383Kb / 24P
   4th-Order Switched Capacitor Bandpass Filter
logo
Maxim Integrated Produc...
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com