Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

05AS102-K10S3 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 05AS102-K10S3
Description  Attenuator Plug/Jack
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

05AS102-K10S3 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  05AS102-K10S3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 05AS102-K10S3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
RPC-N
50
Attenuator
Plug/Jack
05AS102-K10S3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 2
Electrical data
Impedance
50
Frequency range
DC to 18 GHz
Return loss
 26.4 dB, DC to 4 GHz
 23.1 dB, 4 GHz to 12.4 GHz
 19.1 dB, 12.4 GHz to 18 GHz
Attenuation
10 dB
 0.3 dB, DC to 8 GHz
10 dB
 0.6 dB, 8 GHz to 12.4 GHz
10 dB
 0.8 dB, 12.4 GHz to 18 GHz
Power handling
2 W at 25 °C
Mechanical data
Mating cycles
 500
Maximum torque
1.70 Nm
Recommended torque
1.10 Nm
Gauge - plug
5.28 mm to 5.36 mm
Gauge - jack
5.18 mm to 5.26 mm
Environmental data
Operating temperature range1
0 °C to +50 °C
Storage temperature range
-40 °C to +85 °C
2002/95/EC (RoHS)
compliant
1
Temperature range over which these specifications are valid.
Packing
Standard
1 pce in box
Weight
59.0 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Kerstin Herzog
06/01/05
Frank Weiß
24/01/12
e00
11-0832
Marion Striegler
19/01/12
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 05AS102-K10S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
05AS102-K03S3 ROSENBERGER-05AS102-K03S3 Datasheet
158Kb / 2P
   Attenuator Plug/Jack
05AS102-K06S3 ROSENBERGER-05AS102-K06S3 Datasheet
142Kb / 2P
   Attenuator PLUG/JACK
05AS102-K20S3 ROSENBERGER-05AS102-K20S3 Datasheet
118Kb / 2P
   Attenuator Plug/Jack
05AS102-K30S3 ROSENBERGER-05AS102-K30S3 Datasheet
140Kb / 2P
   Attenuator Plug/Jack
05AS102-K40S3 ROSENBERGER-05AS102-K40S3 Datasheet
151Kb / 2P
   Attenuator Plug/Jack
More results

Similar Description - 05AS102-K10S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60AS105-K03N1 ROSENBERGER-60AS105-K03N1 Datasheet
156Kb / 2P
   ATTENUATOR PLUG/JACK
60AS105-K20N1 ROSENBERGER-60AS105-K20N1 Datasheet
159Kb / 2P
   ATTENUATOR PLUG/JACK
60AS120-K30N1 ROSENBERGER-60AS120-K30N1 Datasheet
161Kb / 2P
   ATTENUATOR PLUG/JACK
03AS102-K03S3 ROSENBERGER-03AS102-K03S3 Datasheet
545Kb / 2P
   Attenuator Plug/Jack
05AS102-K03S3 ROSENBERGER-05AS102-K03S3 Datasheet
158Kb / 2P
   Attenuator Plug/Jack
60AS105-K30N1 ROSENBERGER-60AS105-K30N1 Datasheet
158Kb / 2P
   ATTENUATOR PLUG/JACK
60AS110-K20N1 ROSENBERGER-60AS110-K20N1 Datasheet
163Kb / 2P
   ATTENUATOR PLUG/JACK
60AS120-K03N1 ROSENBERGER-60AS120-K03N1 Datasheet
164Kb / 2P
   ATTENUATOR PLUG/JACK
60AS120-K10N1 ROSENBERGER-60AS120-K10N1 Datasheet
161Kb / 2P
   ATTENUATOR PLUG/JACK
60AS120-K20N1 ROSENBERGER-60AS120-K20N1 Datasheet
161Kb / 2P
   ATTENUATOR PLUG/JACK
03AS102-K30S3 ROSENBERGER-03AS102-K30S3 Datasheet
532Kb / 2P
   Attenuator plug/jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com