Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

05K30R-MSOTS3 Datasheet(PDF) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 05K30R-MSOTS3
Description  Calibration Kit JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

05K30R-MSOTS3 Datasheet(HTML) 3 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  05K30R-MSOTS3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 05K30R-MSOTS3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 05K30R-MSOTS3 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Data Sheet
RPC-N
50
Calibration Kit
Jack
05K30R-MSOTS3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
3 / 3
Open
Offset Zo / Impedance / Zo
50
Offset Delay
40.028 ps
Length (electrical) / Offset Length
12.00 mm
Offset Loss
0.80 G
Ω/s
Loss
0.0056 dB/ GHz
Fringing Capacitances
C0 =
37.1000 x 10
-15 F
/
37.1000 fF
C1 =
1200.00 x 10
-27 F/Hz /
1.20000 fF /GHz
C2 = -30.0000 x 10
-36 F/Hz2 /
-0.03000 fF /GHz
2
C3 =
0.00000 x 10
-45 F/Hz3 /
0.00000 fF /GHz
3
Short
Offset Zo / Impedance / Zo
50
Offset Delay
40.028 ps
Length (electrical) / Offset Length
12.00 mm
Offset Loss
0.80 G
Ω/s
Loss
0.0056 dB/ GHz
Short Inductance
L0 =
95.0000 x 10
-12 H
/
95.0000 pH
L1 = -9900.00 x 10
-24 H/Hz /
-9.90000 pH/GHz
L2 =
980.000 x 10
-33 H/Hz2 /
0.98000 pH/GHz
2
L3 = -29.0000 x 10
-42 H/Hz3 /
-0.02900 pH/GHz
3
Load
Offset Zo / Impedance / Zo
50
Offset Delay
0.0000 ps
Length (electrical) / Offset Length
0.000 mm
Offset Loss
0.00 G
Ω/s
Loss
0.0000 dB/ GHz
Environmental data
Operating temperature range
3
+20 °C to +26 °C
Rated temperature range of use
4
0 °C to +50 °C
Storage temperature range
-40 °C to +85 °C
RoHS
compliant
3 Temperature range over which these specifications are valid.
4 This range is underneath and above the operating temperature range, within the calibration kit is fully functional
and could be used without damage
Packing
Standard
1 pce in bag
Weight
235 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Marcel Panicke
26.11.14
Lars Ramtke
16.04.16
c00
16-0851
Marion Striegler
16.04.16
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 05K30R-MSOTS3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
05K30R-MSOS3 ROSENBERGER-05K30R-MSOS3 Datasheet
4Mb / 3P
   Calibration Kit JACK
More results

Similar Description - 05K30R-MSOTS3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
05K30R-MSOS3 ROSENBERGER-05K30R-MSOS3 Datasheet
4Mb / 3P
   Calibration Kit JACK
03K30R-MSOTS3 ROSENBERGER-03K30R-MSOTS3 Datasheet
2Mb / 3P
   RPC-3.50 Calibration Kit Jack
08CK010-150 ROSENBERGER-08CK010-150 Datasheet
545Kb / 3P
   Calibration Kit
119CK010-150 ROSENBERGER-119CK010-150 Datasheet
783Kb / 3P
   Calibration Kit
09CK010-150 ROSENBERGER-09CK010-150 Datasheet
546Kb / 3P
   Calibration Kit
08CK001-150 ROSENBERGER-08CK001-150 Datasheet
775Kb / 3P
   Calibration Kit
64CK070-150 ROSENBERGER-64CK070-150 Datasheet
556Kb / 2P
   Calibration Kit
53K38R-MSON3 ROSENBERGER-53K38R-MSON3 Datasheet
541Kb / 3P
   Calibration Kit
60K34R-MSON3 ROSENBERGER-60K34R-MSON3 Datasheet
847Kb / 3P
   Calibration Kit
60S36R-MSON3 ROSENBERGER-60S36R-MSON3 Datasheet
819Kb / 3P
   Calibration Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com