Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC847 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # AC847
Description  10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC847 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  AC847 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC847 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
Rev. 5/10
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AS847
TO-8 Package for Amplifiers
SMTO-8 Package for Amplifiers
Small Signal Gain (Min.)
13.3 dB
12.5 dB
12.0 dB
Gain Flatness (Max.)
±0.4 dB
±0.5 dB
±0.7 dB
Noise Figure (Max.)
<3.0 dB
3.5^ dB
4.0^ dB
SWR (Max.)
Input/Output
<1.5:1
1.7:1
1.9:1
Power Output (Min.)
@ 1dB comp.
+17.0 dBm
+16.0 dBm
+15.5 dBm
DC Current (Max.)
44.0 mA
48.0 mA
52.0 mA
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
5-900 MHz
10-800 MHz
10-800 MHz
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
^ 0.5 dB higher above 600 MHz.
AC847
10 TO 800 MHz
TO-8 CASCADABLE AMPLIFIER
AC847
Typical Values
AC847
Medium Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
13.3 dB
Low Noise Figure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
<3.0 dB
Medium Output Level . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+17.0 dBm
High Performance Thin Film
Standard Size TO-8
Typical @ 25 °C
+12 volts
+15 volts
Second Order Harmonic Intercept Point . . . . .
+51 dBm
+53 dBm
Second Order Two Tone Intercept Point . . . . . .
+45 dBm
+47 dBm
Third Order Two Tone Intercept Point . . . . . . . .
+31 dBm
+32 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to +125 °C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+17 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+13 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . . .
125 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+105 °C
Thermal Resistance1 (θjc; Vcc = 15)
. . . . . . . . . . . . . . . . . .
+56 °C/Watt
Junction Temperature Rise Above Case (Tjc; Vcc = 15) . . .
+39.1 °C
1 Thermal resistance is based on total power dissipation.
If DC is present on RF input/output, this model
requires additional external blocking capacitors.


Similar Part No. - AC847

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AC847BQ DIODES-AC847BQ Datasheet
333Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR
AC847BQ-7 DIODES-AC847BQ-7 Datasheet
333Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR
AC847BWQ DIODES-AC847BWQ Datasheet
330Kb / 6P
   NPN SMALL SIGNAL TRANSISTOR
AC847BWQ-13 DIODES-AC847BWQ-13 Datasheet
330Kb / 6P
   NPN SMALL SIGNAL TRANSISTOR
AC847BWQ-7 DIODES-AC847BWQ-7 Datasheet
330Kb / 6P
   NPN SMALL SIGNAL TRANSISTOR
More results

Similar Description - AC847

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC829 TELEDYNE-AC829 Datasheet
176Kb / 2P
   10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC848 TELEDYNE-AC848 Datasheet
178Kb / 2P
   10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
AC838 TELEDYNE-AC838 Datasheet
174Kb / 2P
   10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC838 ETC-AC838 Datasheet
105Kb / 2P
   10 TO 800 MHz TO-8 CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A67 MA-COM-A67 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 800 MHz
logo
Tyco Electronics
A67 MACOM-A67 Datasheet
359Kb / 2P
   Cascadable Amplifier 10 to 800 MHz
logo
Teledyne Technologies I...
AC4066 TELEDYNE-AC4066 Datasheet
179Kb / 2P
   800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
AC4064 TELEDYNE-AC4064 Datasheet
185Kb / 2P
   800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
AC986 TELEDYNE-AC986 Datasheet
174Kb / 2P
   800 TO 900 MHz TO-8 CASCADABLE AMPLIFIER
AC4054 TELEDYNE-AC4054 Datasheet
183Kb / 2P
   800 TO 4000 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com