Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC1018 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # AC1018
Description  10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC1018 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  AC1018 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC1018 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
Rev. 5/10
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
TO-8 Package for Amplifiers
SMTO-8 Package for Amplifiers
AC1018
Typical Values
AC1018
High Output Level . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+15.8 dBm
High Third Order I.P. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+30.0 dBm
Low VSWR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
< 1.4:1
High Performance Thin Film
Standard Size TO-8 Package
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
5-1100 MHz
10-1000 MHz
10-1000 MHz
Typical @ 25 °C
AC1018
Second Order Harmonic Intercept Point . . . . . . . . . . . . . . .
+49 dBm
Second Order Two Tone Intercept Point . . . . . . . . . . . . . . .
+44 dBm
Third Order Two Tone Intercept Point . . . . . . . . . . . . . . . . .
+30 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to +125 °C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+18 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+13 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . . .
50 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+100 °C
Thermal Resistance1 (θjc) . . . . . . . . . . . . . . . . . . . . . . . . . .
+47 °C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . . .
+33.2 °C
1 Thermal resistance is based on total power dissipation.
AS1018
AC1018
Small Signal Gain (Min.)
14.5 dB
14.0 dB
13.5 dB
Gain Flatness (Max.)
±0.25 dB
±0.5 dB
±0.8 dB
Noise Figure (Max.)
3.8 dB
5.0 dB
5.5 dB
SWR (Max.)
Input/Output
< 1.5:1
1.8:1
2.0:1
Power Output (Min.)
@ 1dB comp.
+15.8 dBm
+15.0 dBm
+14.5 dBm
Reverse Isolation
18.0 dB
——
DC Current (Max.)
44.0 mA
47.0 mA
50.0 mA
10 TO 1000 MHz
TO-8 CASCADABLE AMPLIFIERS


Similar Part No. - AC1018

ManufacturerPart #DatasheetDescription
logo
Shenzhen X-Powers Techn...
AC101 XPOWER-AC101 Datasheet
237Kb / 3P
   I2S/PCM Audio Interfaces Stereo CODEC
logo
List of Unclassifed Man...
AC101-QF ETC-AC101-QF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
AC101-TF ETC-AC101-TF Datasheet
155Kb / 2P
   10/100 BASE - TX SINGLE-CHANNEL ALTI PHY TRANSCEIVER
logo
Nuvotem Talema
AC1010 TALEMA-AC1010 Datasheet
60Kb / 1P
   10 Amp Current Transformer
logo
Teledyne Technologies I...
AC1012 TELEDYNE-AC1012 Datasheet
178Kb / 2P
   0.3 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
More results

Similar Description - AC1018

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC1082 TELEDYNE-AC1082 Datasheet
161Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1066 TELEDYNE-AC1066 Datasheet
161Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1035 TELEDYNE-AC1035 Datasheet
133Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1019 TELEDYNE-AC1019 Datasheet
163Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1068 TELEDYNE-AC1068 Datasheet
181Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1069 TELEDYNE-AC1069 Datasheet
181Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1012 TELEDYNE-AC1012 Datasheet
178Kb / 2P
   0.3 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1015 TELEDYNE-AC1015 Datasheet
178Kb / 2P
   0.3 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1022 TELEDYNE-AC1022 Datasheet
178Kb / 2P
   5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1063 TELEDYNE-AC1063 Datasheet
178Kb / 2P
   5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com