Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC1063 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC1063
Description  5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC1063 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC1063 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC1063 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
-
-
-
8.0
6.0
4.0
2.0
0.0
2.0
4.0
6.0
FREQUENCY - MHz
5
10
30
50
100
400
600
800
1000
1200
Gain vs Temperature - AC1022
3.0
2.5
2.0
1.5
Noise Figure
KEY: +25
°C
+85
°C
-55
°C
Power Output at 1 dB Compression
Intercept Point - AC1022
50
40
30
20
10
Intercept Point - AC1063
FREQUENCY - MHz
5
10
30
50
100
400
600
800
1000
1200
FREQUENCY - MHz
5
10
30
50
100
400
600
800
1000
1200
FREQUENCY - MHz
5
10
30
50
100
400
600
800
1000
1200
FREQUENCY - MHz
5
10
30
50
100
400
600
800
1000
1200
40
30
20
10
0
2nd HAR
IP 3
IP 2
17.0
16.0
15.0
14.0
2nd HAR
IP 3
IP 2
AC1022 - 15 v
AC1063 - 15 v
AC1063 - 12 v
AC1022 - 12 v
AC1022
AC1063
AC1022/AC1063
Model: AC1022
Vcc=+15V
Icc=8.86
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
5
1.25
1.23
16.1
-19.8
10
1.24
1.23
16.1
-19.8
20
1.27
1.23
16.1
0.792
-19.8
50
1.25
1.22
16.1
0.558
-19.8
100
1.26
1.22
16.0
0.452
-19.9
200
1.26
1.23
15.9
0.477
-20.0
300
1.25
1.23
15.9
0.475
-20.1
400
1.24
1.24
15.8
0.465
-20.2
500
1.24
1.24
15.9
0.473
-20.3
600
1.25
1.23
15.9
0.489
-20.4
700
1.20
1.19
16.0
0.484
-20.5
800
1.16
1.13
16.0
0.530
-20.8
900
1.12
1.07
16.1
0.550
-20.9
1000
1.13
1.02
16.0
0.605
-21.1
1100
1.27
1.10
15.7
0.620
-21.1
LINEAR S-PARAMETERS
Model: AC1022
Vcc=+15V
Icc=8.86
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.11
-171.4
6.41
-177.5
0.102
4.0
0.10
-172.2
10
0.11
-177.6
6.40
179.8
0.102
1.0
0.10
-179.1
20
0.12
176.2
6.36
176.9
0.102
-1.0
0.10
174.8
50
0.11
169.8
6.37
170.8
0.102
-4.0
0.10
164.8
100
0.11
160.0
6.31
162.8
0.102
-8.0
0.10
150.9
200
0.11
137.2
6.25
145.6
0.100
-17.0
0.10
124.7
300
0.11
118.3
6.22
128.4
0.099
-25.0
0.10
97.6
400
0.11
93.4
6.20
111.5
0.098
-33.0
0.11
72.8
500
0.11
72.5
6.23
94.9
0.096
-41.0
0.11
50.4
600
0.11
60.1
6.20
77.2
0.096
-49.0
0.10
31.0
700
0.09
44.2
6.29
59.4
0.094
-57.0
0.09
10.2
800
0.07
33.3
6.32
40.5
0.091
-65.0
0.06
-13.2
900
0.06
43.7
6.36
20.7
0.090
-73.0
0.03
-46.1
1000
0.06
72.6
6.32
-1.0
0.088
-80.0
0.01
-160.4
1100
0.12
72.8
6.12
-23.3
0.088
-88.0
0.05
117.9
1200
0.20
64.3
5.70
-47.4
0.089
-95.0
0.08
85.9
Model: AC1063
Vcc=+15V
Icc=14.46
FREQ
SWR
SWR
GAIN
DELAY
REV/ISO
MHZ
IN
OUT
DB
NSEC
DB
5
1.17
1.12
16.1
-20.3
10
1.18
1.12
16.1
-20.3
20
1.18
1.12
16.1
0.787
-20.2
50
1.18
1.12
16.1
0.540
-20.2
100
1.17
1.12
16.0
0.434
-20.3
200
1.17
1.13
16.0
0.466
-20.3
300
1.19
1.14
15.9
0.460
-20.4
400
1.23
1.15
15.9
0.457
-20.5
500
1.23
1.14
16.0
0.465
-20.5
600
1.22
1.12
16.0
0.474
-20.6
700
1.25
1.11
16.1
0.487
-20.5
800
1.28
1.15
16.2
0.514
-20.5
900
1.30
1.22
16.3
0.545
-20.4
1000
1.31
1.34
16.2
0.593
-20.2
1100
1.36
1.49
15.9
0.613
-19.8
LINEAR S-PARAMETERS
Model: AC1063
Vcc=+15V
Icc=14.46
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
5
0.08
-5.2
6.41
-177.9
0.097
4.0
0.05
-10.1
10
0.08
-3.4
6.40
179.9
0.097
1.0
0.06
-4.4
20
0.08
-0.4
6.37
177.1
0.097
-0.0
0.06
-1.4
50
0.08
-0.3
6.39
171.2
0.097
-4.0
0.06
-1.2
100
0.08
-5.9
6.33
163.5
0.097
-8.0
0.06
-3.5
200
0.08
-13.2
6.31
146.5
0.096
-15.0
0.06
-8.7
300
0.09
-25.7
6.24
129.9
0.095
-22.0
0.07
-18.2
400
0.10
-36.9
6.24
113.5
0.095
-29.0
0.07
-32.1
500
0.10
-46.6
6.28
97.0
0.094
-36.0
0.06
-48.6
600
0.10
-61.6
6.31
79.7
0.094
-43.0
0.05
-76.1
700
0.11
-83.9
6.38
62.3
0.094
-50.0
0.05
-119.8
800
0.12
-106.6
6.43
43.9
0.094
-57.0
0.07
-166.6
900
0.13
-135.7
6.51
24.2
0.095
-63.0
0.10
155.2
1000
0.13
-167.7
6.45
2.7
0.098
-70.0
0.14
121.5
1100
0.15
153.3
6.25
-19.4
0.102
-78.0
0.20
92.5
1200
0.20
116.1
5.79
-42.6
0.107
-87.0
0.24
64.8


Similar Part No. - AC1063

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
AC1060 TALEMA-AC1060 Datasheet
62Kb / 1P
   60 Amp Current Transformer
logo
Teledyne Technologies I...
AC1066 TELEDYNE-AC1066 Datasheet
161Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1068 TELEDYNE-AC1068 Datasheet
181Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1069 TELEDYNE-AC1069 Datasheet
181Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
More results

Similar Description - AC1063

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC1022 TELEDYNE-AC1022 Datasheet
178Kb / 2P
   5 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1012 TELEDYNE-AC1012 Datasheet
178Kb / 2P
   0.3 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1015 TELEDYNE-AC1015 Datasheet
178Kb / 2P
   0.3 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1018 TELEDYNE-AC1018 Datasheet
161Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1082 TELEDYNE-AC1082 Datasheet
161Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1035 TELEDYNE-AC1035 Datasheet
133Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1019 TELEDYNE-AC1019 Datasheet
163Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1068 TELEDYNE-AC1068 Datasheet
181Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1069 TELEDYNE-AC1069 Datasheet
181Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
AC1066 TELEDYNE-AC1066 Datasheet
161Kb / 2P
   10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com