Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JAN2N5662 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JAN2N5662
Description  NPN POWER SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JAN2N5662 Datasheet(HTML) 1 Page - Microsemi Corporation

  JAN2N5662 Datasheet HTML 1Page - Microsemi Corporation JAN2N5662 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/454
Devices
Qualified Level
2N5660
2N5661
2N5662
2N5663
JAN, JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
2N5660
2N5662
2N5661
2N5663
Unit
Collector-Emitter Voltage
VCEO
200
300
Vdc
Collector-Base Voltage
VCBO
250
400
Vdc
Collector-Emitter Voltage
VCER
250
400
Vdc
Emitter-Base Voltage
VEBO
6.0
Vdc
Base Current
IB
0.5
Adc
Collector Current
IC
2.0
Adc
2N5660
2N5661
2N5662
2N5663
Total Power Dissipation
@ TA = +25
0C
@ TC = +100
0C
PT
2.0
(1)
20
(3)
1.0
(2)
15
(4)
W
W
Operating & Storage Junction Temperature Range
TJ, Tstg
-65 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
2N5660
2N5661
2N5662
2N5663
Unit
Thermal Resistance, Junction-to-Case
Junction-to-Ambient
RθJC
RθJA
5.0
87.5
6.67
145.8
0C/W
1)
Derate linearly 11.4 mW/
0C for TA >+ 250C
2)
Derate linearly 5.7 mW/
0C for TA > +250C
3)
Derate linearly 200 mW/
0C for TC > +1000C
4)
Derate linearly 150 mW/
0C for TC > +1000C
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TC = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 10 mAdc
2N5660, 2N5662
2N5661, 2N5663
V(BR)CEO
200
300
Vdc
Collector-Base Breakdown Voltage
IC = 10 mAdc, RBE = 100Ω
2N5660, 2N5662
2N5661, 2N5663
V(BR)CER
250
400
Vdc
Emitter-Base Breakdown Voltage
IE = 10 µAdc
V(BR)EBO
6.0
Vdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2
TO-66*
(TO-213AA)
2N5660, 2N5661
TO-5*
2N5662, 2N5663


Similar Part No. - JAN2N5662

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN2N5664 MICROSEMI-JAN2N5664 Datasheet
118Kb / 3P
   NPN POWER SILICON SWITCHING TRANSISTOR
JAN2N5665 MICROSEMI-JAN2N5665 Datasheet
118Kb / 3P
   NPN POWER SILICON SWITCHING TRANSISTOR
JAN2N5666 MICROSEMI-JAN2N5666 Datasheet
118Kb / 3P
   NPN POWER SILICON SWITCHING TRANSISTOR
JAN2N5666S MICROSEMI-JAN2N5666S Datasheet
118Kb / 3P
   NPN POWER SILICON SWITCHING TRANSISTOR
JAN2N5666U3 MICROSEMI-JAN2N5666U3 Datasheet
118Kb / 3P
   NPN POWER SILICON SWITCHING TRANSISTOR
More results

Similar Description - JAN2N5662

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com