Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF6 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF6
Description  6th Order Switched Capacitor Butterworth Lowpass
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF6 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MF6 Datasheet HTML 1Page - National Semiconductor (TI) MF6 Datasheet HTML 2Page - National Semiconductor (TI) MF6 Datasheet HTML 3Page - National Semiconductor (TI) MF6 Datasheet HTML 4Page - National Semiconductor (TI) MF6 Datasheet HTML 5Page - National Semiconductor (TI) MF6 Datasheet HTML 6Page - National Semiconductor (TI) MF6 Datasheet HTML 7Page - National Semiconductor (TI) MF6 Datasheet HTML 8Page - National Semiconductor (TI) MF6 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Absolute Maximum Ratings (Note 11)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
14V
Voltage at Any Pin
V
− 0.2V, V+ + 0.2V
Input Current at Any Pin (Note 13)
5 mA
Package Input Current (Note 13)
20 mA
Power Dissipation (Note 14)
500 mW
Storage Temperature
−65˚C to +150˚C
ESD Susceptibility (Note 12)
800V
Soldering Information
Vapor Phase (60 sec.)
215˚C
Infrared (15 sec.)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” (Appendix D) for other methods of
soldering surface mount devices.
Operating Ratings (Note 11)
Temperature Range
T
MIN ≤ TA ≤ TMAX
MF6CWM-50, MF6CWM-100
0˚C
≤ T
A ≤ +70˚C
Supply Voltage (V
S = V
+−V)
5Vto14V
Filter Electrical Characteristics
The following specifications apply for f
CLK ≤ 250 kHz (Note 3) unless otherwise specified. Boldface limits apply for TMIN
to T
MAX; all other limits TA = TJ = 25˚C.
Parameter
Conditions
Typical
Tested
Design
Units
(Note 8)
Limit
Limit
(Note 9)
(Note 10)
V+ = +5V, V= −5V
fc, Cutoff
MF6-50
Min
0.1
Frequency
Max
20k
Hz
Range
MF6-100
Min
0.1
(Note 1)
Max
10k
Total Supply Current
fCLK=250 kHz
4.0
6.0
8.5
mA
Maximum Clock
Filter Output
30
mV
Feedthrough
Op Amp 1 Out
25
(peak-to-
Op Amp 2 Out
20
peak)
Ho,Rsource
0.0
±0.30
±0.30
dB
DC Gain
≤ 2kΩ
fCLK/fc
MF6-50
49.27±0.3%
49.27±1%
49.27±1%
Clock to Cutoff
MF6-100
98.97±0.3%
98.97±1%
98.97±1%
Frequency Ratio
DC
MF6-50
−200
mV
Offset Voltage
MF6-100
−400
Minimum Output
RL=10 kΩ
+4.0
+3.5
+3.5
V
Voltage Swing
−4.1
−3.8
−3.5
Maximum Output
Source
50
Short Circuit
Sink
1.5
mA
Current (Note 6)
Dynamic Range
MF6-50
83
dB
(Note 2)
MF6-100
81
Additional
MF6-50
fCLK=250 kHz
Magnitude
f=6000 Hz
−9.47
−9.47±0.6
−9.47±0.75
dB
Response Test
f=4500 Hz
−0.92
−0.92±0.6
−0.92±0.4
Points (Note
4)
MF6-100
fCLK=250 kHz
f=3000 Hz
−9.48
−9.48±0.3
−9.48±0.75
dB
f=2250 Hz
−0.97
−0.97±0.3
−0.97±0.4
Attenuation
Rate
MF6-50
fCLK=250 kHz
dB/
f1=6000 Hz
−36
−36
octave
f2=8000 Hz
MF6-100
fCLK=250 kHz
dB/
f1=3000 Hz
−36
−36
octave
f2=4000 Hz
V+ = +2.5V, V= −2.5V
fc, Cutoff
MF6-50
Min
0.1
Frequency
Max
10k
Hz
Range
MF6-100
Min
0.1
(Note 1)
Max
5k
www.national.com
2


Similar Part No. - MF6

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MF60 RIEDON-MF60 Datasheet
237Kb / 1P
   Film Resistors
logo
List of Unclassifed Man...
MF600SWI ETC-MF600SWI Datasheet
119Kb / 11P
   Mirco Filter For ADSL CPE Side
MF601F ETC-MF601F Datasheet
99Kb / 10P
   Mirco Filter For ADSL CPE Side
logo
Mitsubishi Electric Sem...
MF601G2-02BJXX MITSUBISHI-MF601G2-02BJXX Datasheet
145Kb / 18P
   2.5 Flash Drive
logo
List of Unclassifed Man...
MF602F ETC-MF602F Datasheet
56Kb / 11P
   Mirco Filter For ADSL CPE Side
More results

Similar Description - MF6

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF6C NSC-MF6C Datasheet
627Kb / 18P
   ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
LMF60 NSC-LMF60 Datasheet
391Kb / 20P
   LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
National Semiconductor ...
MF4 NSC-MF4 Datasheet
466Kb / 14P
   MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
MF4CN-100 NSC-MF4CN-100 Datasheet
442Kb / 13P
   4TH ORDER SWITCHED CAPACITOR BUTTERWORTH
logo
Maxim Integrated Produc...
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
MAX291 MAXIM-MAX291_09 Datasheet
126Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 4; 4/09
MAX291 MAXIM-MAX291_V01 Datasheet
350Kb / 10P
   8th-Order, Lowpass, Switched-Capacitor Filters
19-4526; Rev 5; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com