Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V2D652R-MCXXA6 Datasheet(PDF) 2 Page - SICK AG

Part # V2D652R-MCXXA6
Description  IMAGE-BASED CODE READERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

V2D652R-MCXXA6 Datasheet(HTML) 2 Page - SICK AG

  V2D652R-MCXXA6 Datasheet HTML 1Page - SICK AG V2D652R-MCXXA6 Datasheet HTML 2Page - SICK AG V2D652R-MCXXA6 Datasheet HTML 3Page - SICK AG V2D652R-MCXXA6 Datasheet HTML 4Page - SICK AG V2D652R-MCXXA6 Datasheet HTML 5Page - SICK AG V2D652R-MCXXA6 Datasheet HTML 6Page - SICK AG V2D652R-MCXXA6 Datasheet HTML 7Page - SICK AG V2D652R-MCXXA6 Datasheet HTML 8Page - SICK AG V2D652R-MCXXA6 Datasheet HTML 9Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
V2D652R-MCXXA6 Flex | Lector65x
IMAGE-BASED CODE READERS
Ordering information
Type
Part no.
V2D652R-MCXXA6 Flex
1063404
Other models and accessories
www.sick.com/Lector65x
Detailed technical data
Features
Reading field
Side
Focus
Adjustable focus (manually)
Sensor
CMOS matrix sensor, grayscale values
Sensor resolution
2,048 px x 1,088 px
Light source
Illumination LEDs: (to be ordered separately as accessories)
Aiming laser: visible red light (λ = 630 ... 680 nm)
Laser class
1M, complies with 21 CFR 1040.10 except for the tolerance according to “Laser Notice No.
50” from June 24, 2007 (IEC 60825-1 (2007-3))
Scanning frequency
70 Hz, With resolution of 2 megapixels
Code resolution
≥ 0.1 mm 1)
Reading distance
300 mm ... 2,200 mm, depends on lens used 2)
1) Depends on lens used.
2) Depends on lens used, for details see field of view diagram.
Performance
Readable code structures
1D, 2D, Stacked
Bar code types
GS1-128 / EAN 128, UPC / GTIN / EAN, Interleaved 2 of 5, Pharmacode, GS1 DataBar, Code
39, Code 128, Codabar, Code 32, Code 93, USPS (Postnet, Planet, USPS4SCB), Australian
Post, Dutch KIX Post, Royal Mail, Swedish Post
2D code types
Data Matrix ECC200, GS1 Data-Matrix, MaxiCode, QR code
Stacked code types
PDF417
Code qualification
On the basis of ISO/IEC 16022, ISO/IEC 15415, ISO/IEC 18004
Internal image storage
512 MB
Interfaces
Ethernet TCP/IP
Function Host, AUX, FTP (image transmission)
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-03-21 14:30:08
Subject to change without notice


Similar Part No. - V2D652R-MCXXA6

ManufacturerPart #DatasheetDescription
logo
SICK AG
V2D652R-MCXXH6 SICK-V2D652R-MCXXH6 Datasheet
669Kb / 9P
   IMAGE-BASED CODE READERS
More results

Similar Description - V2D652R-MCXXA6

ManufacturerPart #DatasheetDescription
logo
SICK AG
V2D642R-MCXXA6 SICK-V2D642R-MCXXA6 Datasheet
936Kb / 9P
   IMAGE-BASED CODE READERS
V2D642R-MCXXH6 SICK-V2D642R-MCXXH6 Datasheet
767Kb / 10P
   IMAGE-BASED CODE READERS
V2D654R-MCXXH6 SICK-V2D654R-MCXXH6 Datasheet
672Kb / 9P
   IMAGE-BASED CODE READERS
V2D631R-MKMDB4 SICK-V2D631R-MKMDB4 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D631R-MXSXB0 SICK-V2D631R-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
V2D632D-MXCXB0 SICK-V2D632D-MXCXB0 Datasheet
2Mb / 12P
   IMAGE-BASED CODE READERS
V2D632D-MXSXB0 SICK-V2D632D-MXSXB0 Datasheet
1Mb / 10P
   IMAGE-BASED CODE READERS
ICR620C-T11503S50 SICK-ICR620C-T11503S50 Datasheet
805Kb / 9P
   IMAGE-BASED CODE READERS
ICR620D-T31503 SICK-ICR620D-T31503 Datasheet
799Kb / 9P
   IMAGE-BASED CODE READERS
ICR620S-T16503 SICK-ICR620S-T16503 Datasheet
796Kb / 9P
   IMAGE-BASED CODE READERS
V2D654D-MCXXA6 SICK-V2D654D-MCXXA6 Datasheet
902Kb / 9P
   IMAGE-BASED CODE READERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com