Electronic Components Datasheet Search |
|
R75MW2820AA00K Datasheet(PDF) 1 Page - Kemet Corporation |
|
R75MW2820AA00K Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 26 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com F3106_R75 • 5/20/2014 1 One world. One KEMET Benefits • Voltage range: 160 – 2,000 VDC • Capacitance range: 220 pF – 33 µF • Lead Spacing: 7.5 – 37.5 mm • Capacitance tolerance: ±5%, ±10%, ±20% • Climatic category: 55/105/56 IEC 60068-1 • Operatingtemperaturerangeof-55˚Cto+105˚C • RoHS compliance and lead-free terminations • Tape and reel packaging in accordance with IEC 60286–2 • Self-healing • Automotive (AEC–Q200) grades available up to lead spacing 22.5mm Overview TheR75Seriesisconstructedofmetallizedpolypropylenefilm with radial leads of tinned wire. The radial leads are electrically welded to the metal layer on the ends of the capacitor winding. The capacitor is encapsulated in a self-extinguishing solvent resistant plastic case with thermosetting resin material meeting the UL 94V–0 requirements. Two different winding constructions are used depending on voltage parameters and lead spacing. Please see the Performance Characteristics for more information. Automotive grade devices are available (up to lead spacing 22.5 mm) and meet the demanding Automotive Electronics Council's AEC–Q200qualificationrequirements. Applications Typicalapplicationsincludedeflectioncircuitsintelevisions (S-correction), resonant capacitor in electronic ballast and compact lamp, power factor correction and coupling capacitor in switched mode power supply (SMPS), timing and oscillator circuits. Not suitable for across-the-line application (see Suppressor Capacitors). Polypropylene Pulse/High Frequency Capacitors R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade) Part Number System R75 P N 2820 AA 30 K Series Rated Voltage (VDC) Lead Spacing (mm) Capacitance Code (pF) Lead and Packaging Code Internal Use Capacitance Tolerance Metallized Polypropylene G = 160 I = 250 M = 400 P = 630 Q = 1,000 R = 1,250 T = 1,600 U = 2,000 D = 7.5 F = 10 I = 15 N = 22.5 R = 27.5 W = 37.5 Digits 2 – 4 indicate the firstthreedigitsofthe capacitance value. First digit indicates the number of zeros to be added. See Ordering Options Table 00 10 30 40 50 60 70 80 J = ±5% K = ±10% M = ±20% |
Similar Part No. - R75MW2820AA00K |
|
Similar Description - R75MW2820AA00K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |