Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFSD-05-28-H-10.00-SR Datasheet(PDF) 1 Page - Samtec, Inc

Part # SFSD-05-28-H-10.00-SR
Description  TIGER EYE??DISCRETE CABLE ASSEMBLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SFSD-05-28-H-10.00-SR Datasheet(HTML) 1 Page - Samtec, Inc

  SFSD-05-28-H-10.00-SR Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SFSD, SFSDT SERIES
(1.27 mm) .050"
SFSD–20–30–G–05.00–DS–NUS
SFSDT–10–28–G–05.00–DR–NUS
28 or 30
AWG
Single or
double
ended
Retention latch
and screw down
options
Cable plugs also available.
See TFSD Series
WWW.SAMTEC.COM
Due to technical progress, all designs, specifications and components are subject to change without notice.
For complete specifications
see www.samtec.com?SFSD or
www.samtec.com?SFSDT
Insulator Material:
Black LCP
Contact Material:
BeCu
Plating:
Au over 50 µ" (1.27 µm) Ni
Current Rating (SFSD/TFC):
2.9 A per pin
(1 pin powered per row)
Operating Temp Range:
-10 °C to +80 °C (PVC)
-40 °C to +125 °C (*Teflon®)
Voltage Rating:
275 VAC (PVC)
235 VAC (*Teflon®)
Wire: 28 or 30 AWG
RoHS Compliant: Yes
Mates with:
TFM, TFC
(–SR & –DR requires
–WT option)
SPECIFICATIONS
*DuPontTeflon® is a
registered trademark of the
E.I. du Pont de Nemours
and Company or its affiliates.
POSITIONS
PER ROW
WIRE
GAUGE
PLATING
OPTION
ASSEMBLED
LENGTH
END 2
OPTION
–G
= 10 µ"
(0.25 µm)
Gold on
contact,
Gold Flash
on balance
–“XX.XX”
= Assembled
Length in
Inches
(76.20 mm)
03.00" min. for
–S end option
(82.60 mm)
03.25" min. for
–D end option
END
OPTION
TYPE
STRIP
–D–NUS
SFSD or SFSDT
–SR
TIGER EYEDISCRETE CABLE ASSEMBLY
• Retention latch
option
• Screw down option
F-217
–03, –04,
–05, –07,
–10, –15,
–20, –25,
–40, –50
(Standard sizes)
For complete scope of
recognitions see
www.samtec.com/quality
RECOGNITIONS
ALSO AVAILABLE
(MOQ Required)
• Other sizes
• Locking feature for
mating to the TFML Series
• Color coded cable
(*Teflon® N/A)
• Other plating options
Contact Samtec.
–SR/–DR
APPLICATIONS
When Mated to TFM-WT
APPLICATION
No. of Positions x
(1.27) .050 +
(0.38) .015
(1.27)
.050
(2.03)
.080
(6.32)
.249
(6.35)
.250
(11.18)
.440
Assembled
Length
± (3.18)
.125
End 1 Notch
(Always Up)
(2.86)
.113
(1.65) .065
(1.27)
.050
End 2
notch
location
determined
by part
number
Notes:
For wiring option and pin
position location information,
refer to drawings on web.
Some lengths, styles and
options are non-standard,
non-returnable.
Note:
Teflon® cable is intended for
crimp only. Contact Samtec for
solderable cable applicators.
SFSD
= Double
Row
PVC Cable
SFSDT
= Double
Row
*Teflon®
Cable
–28
= 28 AWG
–28C
= Color
Coded
Cable
(SFSD only)
–30
= 30 AWG
–S
= Single Ended
–D
= Double Ended
For –(X)
specify "S" for
single ended
and "D" for
double ended.
–(X)R
= Retention
Latch
(TFM -WT
option required
for mating)
–(X)S
= Screw Down
(Not available
in -03, -04 & -50
positions)
(Mates with
TFM-DS
option)
Requires
–D, –DS, –DR
(End 1 Notch Up)
–NUS
= Notch up,
straight
(Pin 1 to Pin N-1)
–NDS
= Notch down,
straight
(Pin 1 to Pin 2)
–NUX
= Notch up,
crossed
(Pin 1 to Pin N)
–NDX
= Notch down,
crossed
(Pin 1 to Pin 1)
Terminal/Housing Retention
Min
(22.25 N) 5.0 lb
Max
(26.52 N) 5.96 lb
Avg
(24.34 N) 5.47 lb
Wire/Crimp Retention
Min
(20.47 N) 4.6 lb
Max
(36.49 N) 8.2 lb
Avg
(29.95 N) 6.73 lb
–28C CABLE
COLOR CODING
PIN
COLOR
1
BROWN
2
RED
3
ORANGE
4
YELLOW
5
GREEN
6
VIOLET
7
GRAY
8
WHITE
9
BLACK
10
BLUE
ETC
REPEAT
FILE NO. E111594


Similar Part No. - SFSD-05-28-H-10.00-SR

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SFSD-10-28-H-05.00-DR SAMTEC-SFSD-10-28-H-05.00-DR Datasheet
238Kb / 1P
   TIGER EYE??DISCRETE CABLE ASSEMBLY
More results

Similar Description - SFSD-05-28-H-10.00-SR

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TFSD-05-28-H-10.00-T SAMTEC-TFSD-05-28-H-10.00-T Datasheet
224Kb / 1P
   TIGER EYE DISCRETE CABLE ASSEMBLY
SFSD-10-28-H-05.00-DR SAMTEC-SFSD-10-28-H-05.00-DR Datasheet
238Kb / 1P
   TIGER EYE??DISCRETE CABLE ASSEMBLY
TCSD-05-D-06.00-01-N SAMTEC-TCSD-05-D-06.00-01-N Datasheet
185Kb / 1P
   TIGER EYE??IDC SOCKET CABLE
TCSD-22-01-N SAMTEC-TCSD-22-01-N Datasheet
185Kb / 1P
   TIGER EYE IDC SOCKET CABLE
TCSD-10-D-12.00-01-N SAMTEC-TCSD-10-D-12.00-01-N Datasheet
185Kb / 1P
   TIGER EYE??IDC SOCKET CABLE
SFM-105-01-S-D-LC SAMTEC-SFM-105-01-S-D-LC Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
SFM-105-02-S-D-A SAMTEC-SFM-105-02-S-D-A Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
FFMD-05-01 SAMTEC-FFMD-05-01 Datasheet
192Kb / 1P
   TIGER EYE??FLAT IDC WIRE CABLES
FFSD-13-D-02.50-01-N SAMTEC-FFSD-13-D-02.50-01-N Datasheet
192Kb / 1P
   TIGER EYE??FLAT IDC WIRE CABLES
SFM-105-02-S-D-LC SAMTEC-SFM-105-02-S-D-LC Datasheet
1Mb / 2P
   SMT & THROUGH-HOLE TIGER EYE??SOCKET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com