Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX90360KGO-ACD Datasheet(PDF) 6 Page - Melexis Microelectronic Systems

Part # MLX90360KGO-ACD
Description  Triaxis횘 Position Sensor IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90360KGO-ACD Datasheet(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX90360KGO-ACD Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90360KGO-ACD Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90360KGO-ACD Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90360KGO-ACD Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90360KGO-ACD Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90360KGO-ACD Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90360KGO-ACD Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90360KGO-ACD Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90360KGO-ACD Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
MLX90360
Triaxis
®
®
®
® Position Sensor IC
MLX90360
Page 6 of 35
Datasheet
Rev. 009
Dec/13
3. Glossary of Terms
Abbreviations
Acronyms
Gauss (G), Tesla (T): Units for the magnetic flux density − 1 mT = 10 G
TC: Temperature Coefficient (in ppm/Deg.C.)
NC: Not Connected
PWM: Pulse Width Modulation
%DC: Duty Cycle of the output signal i.e. TON /(TON + TOFF)
ADC: Analog-to-Digital Converter
DAC: Digital-to-Analog Converter
LSB: Least Significant Bit
MSB: Most Significant Bit
DNL: Differential Non-Linearity
INL: Integral Non-Linearity
RISC: Reduced Instruction Set Computer
ASP: Analog Signal Processing
DSP: Digital Signal Processing
CoRDiC: Coordinate Rotation Digital Computer (i.e. iterative rectangular-to-polar transform)
EMC: Electro-Magnetic Compatibility
ALS: Analog Low Speed
AHS: Analog High Speed
DLS: Digital Low Speed
DHS: Digital High Speed
4. Pinout
For optimal EMC behavior, it is recommended to connect the unused pins (
and
) to the
Ground (see section 16).


Similar Part No. - MLX90360KGO-ACD

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90360KGOACD-000RE MELEXIS-MLX90360KGOACD-000RE Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
MLX90360KGOACD-000TU MELEXIS-MLX90360KGOACD-000TU Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
More results

Similar Description - MLX90360KGO-ACD

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX90360 MELEXIS-MLX90360 Datasheet
651Kb / 35P
   Triaxis횘 Position Sensor IC
MLX90366 MELEXIS-MLX90366_15 Datasheet
1Mb / 34P
   Triaxis횘 Position Sensor IC feat. SENT
MLX90367 MELEXIS-MLX90367 Datasheet
910Kb / 36P
   Triaxis횘 Position Sensor IC feat. SENT
MLX90367EDC-ABS MELEXIS-MLX90367EDC-ABS Datasheet
910Kb / 36P
   Triaxis횘 Position Sensor IC feat. SENT
MLX90365 MELEXIS-MLX90365 Datasheet
897Kb / 35P
   Triaxis짰 Position Sensor IC
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90377 MELEXIS-MLX90377 Datasheet
3Mb / 90P
   Triaxis짰 Position Sensor IC
logo
Renesas Technology Corp
ZMID4200 RENESAS-ZMID4200 Datasheet
1,018Kb / 26P
   Inductive Position Sensor IC
Aug 19, 2021
IPS2200 RENESAS-IPS2200_V01 Datasheet
1Mb / 37P
   Inductive Position Sensor IC
Aug.5.22
logo
Melexis Microelectronic...
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
   Rotary Position Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com