Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI8451DB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI8451DB
Description  P-Channel 1.5-V Rated MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8451DB Datasheet(HTML) 1 Page - Vishay Siliconix

  SI8451DB Datasheet HTML 1Page - Vishay Siliconix SI8451DB Datasheet HTML 2Page - Vishay Siliconix SI8451DB Datasheet HTML 3Page - Vishay Siliconix SI8451DB Datasheet HTML 4Page - Vishay Siliconix SI8451DB Datasheet HTML 5Page - Vishay Siliconix SI8451DB Datasheet HTML 6Page - Vishay Siliconix SI8451DB Datasheet HTML 7Page - Vishay Siliconix SI8451DB Datasheet HTML 8Page - Vishay Siliconix SI8451DB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Vishay Siliconix
Si8451DB
Document Number: 69845
S-82119-Rev. B, 08-Sep-08
www.vishay.com
1
P-Channel 1.5-V Rated MOSFET
FEATURES
TrenchFET® Power MOSFET
APPLICATIONS
Portable Devices
- Battery Management
- Low Threshold Load Switch
- Battery Protection
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)
ID (A)
e
Qg (Typ.)
- 20
0.080 at VGS = - 4.5 V
- 10.8
7.7 nC
0.100 at VGS = - 2.5 V
- 9.7
0.126 at VGS = - 1.8 V
- 3.0
0.200 at VGS = - 1.5 V
- 1.2
MICRO FOOT
Device Marking: 8451
xxx = Date/Lot Traceability Code
Ordering Information: Si8451DB-T2-E1 (Lead (Pb)-free)
DD
SS
SG
1
2
6
3
5
4
Bump Side View
Backside View
S
G
D
P-Channel MOSFET
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. t = 10 s.
c. Refer to IPC/JEDEC (J-STD-020C), no manual or hand soldering.
d. In this document, any reference to case represents the body of the MICRO FOOT device and foot is the bump.
e. Based on TC = 25 °C.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
- 10.8
A
TC = 70 °C
- 8.7
TA = 25 °C
- 5.0a, b
TA = 70 °C
- 4.0a, b
Pulsed Drain Current
IDM
- 15
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 10.8
TA = 25 °C
- 2.3a, b
Maximum Power Dissipation
TC = 25 °C
PD
13
W
TC = 70 °C
8.4
TA = 25 °C
2.77a, b
TA = 70 °C
1.77a, b
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Package Reflow Conditionsc
IR/Convection
260
RoHS
COMPLIANT


Similar Part No. - SI8451DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI8451 ETC2-SI8451 Datasheet
462Kb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
Si8451AA-B-IS1 SILABS-Si8451AA-B-IS1 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
Si8451AB-B-IS1 SILABS-Si8451AB-B-IS1 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
Si8451BA-B-IS1 SILABS-Si8451BA-B-IS1 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
Si8451BB-B-IS1 SILABS-Si8451BB-B-IS1 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
More results

Similar Description - SI8451DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3499DV VISHAY-SI3499DV Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI5499DC VISHAY-SI5499DC Datasheet
143Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. B, 04-Feb-08
SI3499DV VISHAY-SI3499DV_08 Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI8435DB VISHAY-SI8435DB Datasheet
120Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. D, 08-Sep-08
SI3499DV VISHAY-SI3499DV_V01 Datasheet
235Kb / 10P
   P-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
logo
Fairchild Semiconductor
FDZ291P FAIRCHILD-FDZ291P Datasheet
170Kb / 6P
   P-Channel 1.5 V Specified PowerTrench BGA MOSFET
FDY1002PZ FAIRCHILD-FDY1002PZ Datasheet
257Kb / 7P
   Dual P-Channel (-1.5 V) Specified PowerTrench MOSFET
FDZ291P FAIRCHILD-FDZ291P_06 Datasheet
247Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 BGA MOSFET
logo
Will Semiconductor Ltd.
WPM1480 WILLSEMI-WPM1480 Datasheet
507Kb / 6P
   Single P-Channel, -20 V, -1.5 A,Power Mosfet
logo
Fairchild Semiconductor
FDZ391P FAIRCHILD-FDZ391P Datasheet
256Kb / 7P
   P-Channel 1.5 V PowerTrench짰 Thin WL-CSP MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com