Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8AF2NPP Datasheet(PDF) 4 Page - International Rectifier

Part # 8AF2NPP
Description  PRESSFIT RECTIFIER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8AF2NPP Datasheet(HTML) 4 Page - International Rectifier

  8AF2NPP Datasheet HTML 1Page - International Rectifier 8AF2NPP Datasheet HTML 2Page - International Rectifier 8AF2NPP Datasheet HTML 3Page - International Rectifier 8AF2NPP Datasheet HTML 4Page - International Rectifier 8AF2NPP Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
8AF Series
4
Bulletin I20262 Rev.A 06/03
www.irf.com
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 3 - Forward Power Loss Characteristics
140
150
160
170
180
190
200
0
5 10 15 20 25 30 35 40 45 50 55
30°
60°
90°
120°
180°
Conduction Angle
8AF Series
R
(DC) = 0.6 K/W
thJC
Average Forward Current (A)
140
150
160
170
180
190
200
0
10
2030
4050
6070
80
DC
30°
60°
90°
120°
180°
Conduction Period
Average Forward Current (A)
8AF Series
R
(DC) = 0.6 K/W
thJC
025
50
75
100
125
150
R
=
1
K
/W
- D
elta
R
1.5
K/W
2 K
/W
3 K
/W
5 K/W
10 K/W
15 K/W
Maximum Allowable Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
010
20
30
40
50
60
Average Forward Current (A)
RMS Limit
Conduction Angle
180°
120°
90°
60°
30°
8AF Series
T = 195°C
J
0
25
50
75
100
125
150
15 K/W
10 K/W
5 K/W
3 K/W
1.5
K/W
R
=
1
K/W
- D
elta
R
2 K
/W
Maximum Allowable Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
90
0
10
203040
50
60
7080
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMS Limit
Conduction Period
8AF Series
T = 195°C
J


Similar Part No. - 8AF2NPP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8AF2NPP IRF-8AF2NPP Datasheet
136Kb / 5P
   PRESSFIT RECTIFIER DIODES
More results

Similar Description - 8AF2NPP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8AF05 IRF-8AF05 Datasheet
136Kb / 5P
   PRESSFIT RECTIFIER DIODES
logo
Vishay Siliconix
8AF VISHAY-8AF Datasheet
138Kb / 7P
   Pressfit Rectifier Diodes, 50 A
Revision: 17-Jun-08
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
   Rectifier diodes
logo
NXP Semiconductors
BYX96 PHILIPS-BYX96 Datasheet
252Kb / 6P
   RECTIFIER DIODES
November 1975
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
   Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
   Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
   Rectifier Diodes
logo
Sanken electric
RM11B SANKEN-RM11B Datasheet
68Kb / 2P
   Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
   Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
   Rectifier Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com